Electronic Components Datasheet Search
  English  ▼

X  

FT905 Datasheet(PDF) 34 Page - Future Technology Devices International Ltd.

Part # FT905
Description  The FT905 series contains FT905, FT906, FT907 and FT908 which is a complete System-On-Chip 32-bit RISC microcontroller for embedded applications featuring a high level of integration and low power consumption.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT905 Datasheet(HTML) 34 Page - Future Technology Devices International Ltd.

Back Button FT905 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 38Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Copyright © 2014 Future Technology Devices International Limited
34
FT905
_6_7_8/6/7/8 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_001131 Clearance No.: FTDI#422
5 Devices Characteristics and Ratings
5.1 Absolute Maximum Ratings
The absolute maximum ratings for the FT905 series devices are as follows. These are in
accordance with the Absolute Maximum Rating System (IEC 60134). Exceeding these may
cause permanent damage to the device.
Parameter
Value
Unit
Storage Temperature
-65°C to 150°C
Degrees C
Floor Life (Out of Bag) At Factory Ambient
(30°C / 60% Relative Humidity)
168 Hours
(IPC/JEDEC J-STD-033A MSL Level 3
Compliant)*
Hours
Ambient Temperature (Power Applied)
-40°C to 85°C
Degrees C
VCC3V3 Supply Voltage
-0.5 to +4.6
V
DC Input Voltage – Host H_DP and H_DM
-0.5 to +5
V
DC Input Voltage – Peripheral D_DP and
D_DM
-0.5 to +5
V
DC Input Voltage – Ethernet TXON, TXOP,
RXIN and RXIP
-0.5 to +5.6
V
DC Input Voltage – 5V tolerance I/O cells
-0.5 to +5.8
V
Others (ADC, DAC) – 3V I/O cells
-0.5 to VCC3V3+0.5
V
Table 5-1 Absolute Maximum Ratings
* If devices are stored out of the packaging beyond this time limit the devices should be baked before
use. The devices should be ramped up to a temperature of +125°C and baked for up to 17 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com