Electronic Components Datasheet Search
  English  ▼

X  

FT905 Datasheet(PDF) 45 Page - Future Technology Devices International Ltd.

Part # FT905
Description  The FT905 series contains FT905, FT906, FT907 and FT908 which is a complete System-On-Chip 32-bit RISC microcontroller for embedded applications featuring a high level of integration and low power consumption.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT905 Datasheet(HTML) 45 Page - Future Technology Devices International Ltd.

Back Button FT905 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 45Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 46Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 47Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 48Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 49Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Copyright © 2014 Future Technology Devices International Limited
45
FT905
_6_7_8/6/7/8 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_001131 Clearance No.: FTDI#422
gets reference voltage from DRREF or HRREF with an external reference resistor R (12 KΩ
±1%) respective connected to GND.
The USB2.0 host controller will provide +5V power voltage output for VBUS and go through
PSW_N signal to control power switching on/off.
6.5 10/100 Mb/s Ethernet Interface
Figure 6-7 shows the 10/100 Mb/s Ethernet port configuration via the transmit (TXON & TXOP)
and receive (RXIN & RXIP) differential pair pins.
RXIN
RXIP
RJ45
10/100 Mb/s
Ethernet
RD-
TXON
TXOP
GND
RREFSET
R
FT905
ENET_LED1/GPIO5
ENET_LED0/GPIO4
R
R
R
R
R
C
VETH3V3
VETH3V3
1:1 Magnetics
Transformer
RD+
TD-
TD+
NC
NC
NC
NC
R
C
Figure 6-7 10/100 Mb/s Ethernet interface
The FT905 Ethernet connection to a termination network should go through 1:1 magnetics
transformer and an RJ-45. For space saving, the magnetics and RJ-45 may be a single
integrated component. The system shall provide +3.3V power supply for VETH3V3. The
internal Regulator will generate +1.2V output on VOUT2. The RREFSET connects an external
resistor R (12 KΩ ±1%) to GND to provide a reference voltage for the Ethernet transceiver.
There are two Ethernet LEDs output for TX/RX transmission, Full-duplex/Half-duplex, Collision,
Link or 10/100 Mb/s Speed indication. The required function should be set in the chip registers
before using the LED indicator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com