Electronic Components Datasheet Search
  English  ▼

X  

FT905 Datasheet(PDF) 37 Page - Future Technology Devices International Ltd.

Part # FT905
Description  The FT905 series contains FT905, FT906, FT907 and FT908 which is a complete System-On-Chip 32-bit RISC microcontroller for embedded applications featuring a high level of integration and low power consumption.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT905 Datasheet(HTML) 37 Page - Future Technology Devices International Ltd.

Back Button FT905 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 41Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Copyright © 2014 Future Technology Devices International Limited
37
FT905
_6_7_8/6/7/8 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_001131 Clearance No.: FTDI#422
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
(Differential)
Vchirpj
Chirp-J output voltage
(Differential)
700
-
1100
mV
-
Vchirpk
Chirp-K output
voltage (Differential)
-900
-
-500
mV
-
Input level for full speed and low speed
Vdi
Differential input
voltage sensitivity
0.2
-
-
V
|Vdp-Vdm|
Vcm
Differential common
mode voltage
0.8
-
2.5
V
-
Vse
Single ended receiver
threshold
0.8
-
2.0
V
-
Output level for full speed and low speed
Vol
Low level output
voltage
0
-
0.3
V
-
Voh
High level output
voltage
2.8
-
3.6
V
-
Resistance
Rdrv
Driver output
impedance
40.5
45
49.5
ohm
Equivalent
resistance used as
an internal chip
Table 5-4 USB I/O Pin (D_DP/D_DM, H_DP/H_DM) Characteristics
Note*: The VCC1V2 is USB Host or Peripheral transceiver core power supply input which needs connect
to external +1.2V voltage power while USB Host or Peripheral controller is active.
DC characteristics of Ethernet I/O cells
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
General characteristics
VETH3V3
Ethernet power supply
voltage
2.97
3.3
3.63
V
Normal operation
VOUT2*
Ethernet LDO voltage
-
1.2
-
V
Normal operation
Total
dissipative
power
10Base-TX mode
(Including TX current)
-
-
510
mW
10Base-TX mode
10Base-TX mode
(Excluding TX current)
-
-
147
mW
10Base-TX mode
100Base-TX mode
-
-
310
mW
100Base-TX mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com