Electronic Components Datasheet Search
  English  ▼

X  

FT905 Datasheet(PDF) 44 Page - Future Technology Devices International Ltd.

Part # FT905
Description  The FT905 series contains FT905, FT906, FT907 and FT908 which is a complete System-On-Chip 32-bit RISC microcontroller for embedded applications featuring a high level of integration and low power consumption.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT905 Datasheet(HTML) 44 Page - Future Technology Devices International Ltd.

Back Button FT905 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 45Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 46Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 47Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 48Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Copyright © 2014 Future Technology Devices International Limited
44
FT905
_6_7_8/6/7/8 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_001131 Clearance No.: FTDI#422
Slew rate bit
Enable output driver
Data output
Output driver capability
Data input
Schmitt trigger
Keeper
PU
PD
Keeper enable bit
Pull-down enable bit
Pull-up enable bit
Rpu
Rpd
ESD
ESD
VDDIO
VDDIO
PIN
FT905 I/O
Figure 6-5 Standard I/O pin configuration
6.4 USB2.0 Peripheral and Host Interface
The example diagram in Figure 6-6 shows the FT905 series supporting one USB2.0 host port
and one USB2.0 device port, which makes the FT905 system data transfer possible via USB.
USB2.0 Device
Port
VBUS_DTC/GPIO3
VBUS
D_DM
D_DP
DM
DP
GND
DRREF
R
R
USB2.0 Host Port
FT905
USB2.0
PSW_N/GPIO2
VBUS
H_DM
H_DP
DM
DP
GND
HRREF
R
OC_N/GPIO1
VBUS_DISCHG/
GPIO0
VBUS
R
R
VCC3V3
R
VBUS
Figure 6-6 USB2.0 ports connection
The FT905 System shall provide I/O power (+3.3V supply) on VUSB3V3 and core power
(+1.2V supply) on VCC1V2 for the USB2.0 peripheral/host controller. The internal band-gap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com