Electronic Components Datasheet Search
  English  ▼

X  

FT905 Datasheet(PDF) 30 Page - Future Technology Devices International Ltd.

Part # FT905
Description  The FT905 series contains FT905, FT906, FT907 and FT908 which is a complete System-On-Chip 32-bit RISC microcontroller for embedded applications featuring a high level of integration and low power consumption.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT905 Datasheet(HTML) 30 Page - Future Technology Devices International Ltd.

Back Button FT905 Datasheet HTML 26Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 27Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 28Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 34Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Copyright © 2014 Future Technology Devices International Limited
30
FT905
_6_7_8/6/7/8 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_001131 Clearance No.: FTDI#422
count up / down and signal an interrupt when the timer rolls over. The timers can also be
configured to be one-shot or in continuous mode.
4.16.1 Features:
Four user timers with pre-scaler.
Supports 16-bit pre-scaler with system clock reference.
Supports individual timer interrupt generated.
Supports one-shot and continuous count for timer.
Supports 32-bit counter watchdog.
Supports watchdog interrupt generated.
4.17 PWM
The FT905 series supports 7 separate independent PWM output channels. All channels share an
8-bit pre-scaler to scale the system clock frequency to the desired channels.
Each channel has its own 16-bit comparator value. This is the value that would be matched to
a preset 16-bit counter. When a channel’s 16-bit comparator value matches that of the 16-bit
counter, the corresponding PWM channel output will toggle. This 16-bit comparator value will
continue to count until it reaches its preset value, and the counter will just roll over.
A special feature allows the 7 channels each to also toggle its own output based on the
comparison results of other channels. Hence each channel potentially can have up to 8 toggle
edges. The PWM signal generated can be output as a single-shot or continuous output.
The PWM counter also supports an external trigger. There are 6 GPIOs selectable for an
external trigger.
PWM channel 0 and channel 1 can double as a stereo 11 kHz or 22 kHz PCM audio channel.
Once this feature is setup, the 16-bit or 8-bit PCM audio data can be downloaded to the PWM
local FIFO which can hold up to 64 bytes stereo or 128 bytes mono audio data. The data will
be played back based on the pre-scaler and 16-bit counter, and the data will be automatically
scaled to fit in the playback period if necessary.
4.17.1 Features:
Support 7 PWM output channels.
Support single-shot or continuous PWM data output.
Support external GPIO trigger.
Support 16-bit / 8-bit stereo PCM audio data output.
Control PCM FIFO full, empty, half-empty, and over-flow / under-flow buffer
management.
Support PCM volume control for audio playback.
4.18 Analog to Digital Converter (ADC)
The FT905 series has a low-power, high-speed, successive approximation Analog-to-Digital
Converter (ADC) that supports a 10-bit resolution and superior maximum sampling frequencies
of up to 1 Mega Samples Per-second (MSPS). This ADC accepts analog inputs ranging from the
ground supplies to the power supplies. This ADC can be used in various low-power and
medium-resolution applications.
4.18.1 Features:
10-bit successive approximation ADC.
Support 4 channels input.
Individual channels can be selected for conversion.
Power-down mode support.
Max conversion rate up to 1MSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com