Electronic Components Datasheet Search
  English  ▼

X  

FT905 Datasheet(PDF) 32 Page - Future Technology Devices International Ltd.

Part # FT905
Description  The FT905 series contains FT905, FT906, FT907 and FT908 which is a complete System-On-Chip 32-bit RISC microcontroller for embedded applications featuring a high level of integration and low power consumption.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT905 Datasheet(HTML) 32 Page - Future Technology Devices International Ltd.

Back Button FT905 Datasheet HTML 28Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 36Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Copyright © 2014 Future Technology Devices International Limited
32
FT905
_6_7_8/6/7/8 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_001131 Clearance No.: FTDI#422
4.21.2 Phase Locked Loop
The internal PLL takes a 12 MHz clock input from a crystal oscillator. The PLL outputs 100 MHz
system clock frequency to CPU processor and other peripheral circuits. Each peripheral has an
individual enable control signal to gate the clock source.
4.21.3 32.768 KHz RTC Oscillator
The RTC oscillator provides a clock to the RTC time counter. Either an external 32.768 KHz
crystal or a 32.768 KHz square wave clock can be used as clock source. The external crystal is
connected across RTC_XI/RTC_CLKIN and RTC_XIO in the configuration shown in Session 6.2.
The optional external clock input is connected to the RTC_XI/RTC_CLKIN pin directly.
4.21.4 Internal Slow Clock Oscillator
The FT905 internal slow clock oscillator provides at least 5ms slow clock source to generate an
interrupt for the USB2.0 device remote wake-up feature. A USB2.0 device with remote wake-
up capability may not generate resume signalling unless the bus has been continuously in the
idle state for 5ms. For a detailed description for USB2.0 suspend/resume, please refer to
USB2.0 specification chapter7.1.7.7.
4.22 Power Management
4.22.1 Power supply
The FT905 series may be operated with a single supply of +3.3V apply to VCCIO3V3,
VUSB3V3, VETH3V3 and VCC3V3A pins. The +1.2V internal regulator VOUT1 provides the
power to the core circuit after VCCIO3V3 power on and the system will generate a Power on
Reset (POR) pulse when the output voltage rises above the POR threshold.
The second +1.2V internal regulator VOUT2 will provide the power to the Ethernet transceiver
when VETH3V3 gets the power supply.
4.22.2 Power down mode
Power down mode applies to the entire system. In the power down mode, the system 12MHz
oscillator and PLL both switch off and the system clock to the core and all peripherals stop
except for the RTC oscillator and internal regulator. The internal regulator retains the power for
the core and RTC running.
An interrupt from GPIO or wake-up events from the USB2.0 peripheral controller and host
controller can wake-up the system from power down mode independently.
If the USB2.0 host controller was used and the respective interrupt bit enabled before the
system entered into power down mode, then the following events can wake-up the system.
Remote wake-up interrupt to USB2.0 host controller.
USB device connected interrupt to USB2.0 host controller.
USB device disconnected interrupt to USB2.0 host controller.
USB2.0 host controller detected the over-current (OC) protection event.
If the USB2.0 peripheral controller was used and the respective interrupt bit also enabled
before the system entered into power down mode, the following events can wake-up the
system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com