Electronic Components Datasheet Search
  English  ▼

X  

FT905 Datasheet(PDF) 41 Page - Future Technology Devices International Ltd.

Part # FT905
Description  The FT905 series contains FT905, FT906, FT907 and FT908 which is a complete System-On-Chip 32-bit RISC microcontroller for embedded applications featuring a high level of integration and low power consumption.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT905 Datasheet(HTML) 41 Page - Future Technology Devices International Ltd.

Back Button FT905 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 45Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Copyright © 2014 Future Technology Devices International Limited
41
FT905
_6_7_8/6/7/8 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_001131 Clearance No.: FTDI#422
Thsf
High speed differential
fall time
500
-
-
ps
-
Driver characteristic for full speed
Tfr
Rise time of DP/DM
4
-
20
ns
Cl=50pF
10%~90% of |Voh–Vol|
Tff
Fall time of DP/DM
4
-
20
ns
Cl=50pF
10%~90% of |Voh–Vol|
Tfrma
Differential rise/fall
time matching
90
-
110
%
The first transition
exclude from the
idle mode
Driver characteristic for low speed
Tlr
Rise time of DP/DM
75
-
300
ns
Cl=200pF~600pF
10%~90% of |Voh–Vol|
Tlf
Fall time of DP/DM
75
-
300
ns
Cl=200pF~600pF
10%~90% of |Voh–Vol|
Tlrma
Differential rise/fall
time matching
80
-
125
%
The first transition
exclude from the
idle mode
Table 5-11 Analog I/O pins (D_DP/D_DM, H_DP/H_DM) characteristics
Analog Ethernet I/O pins dynamic characteristics
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Transmitter characteristics
2 x Vtxa
Peak-to-peak
differential output
voltage
1.9
2.0
2.1
V
100Base-TX mode
Tr / Tf
Signal rise/fall time
3.0
4.0
5.0
ns
100Base-TX mode
-
Output jitter
-
-
1.4
ns
100Base-TX mode,
scrambled idle
signal
Vtxa
Overshoot
-
-
5.0
%
100Base-TX mode
Receiver characteristics
-
Common-mode input
voltage
2.97
3.3
3.63
V
-
-
Error-free cable
length
100
-
-
meter
-
Table 5-12 Analog I/O pins (TXON/TXOP, RXIN/RXIP) characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com