Electronic Components Datasheet Search
  English  ▼

X  

SL2980 Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # SL2980
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SL2980 Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button SL2980 Datasheet HTML 14Page - Seiko Instruments Inc SL2980 Datasheet HTML 15Page - Seiko Instruments Inc SL2980 Datasheet HTML 16Page - Seiko Instruments Inc SL2980 Datasheet HTML 17Page - Seiko Instruments Inc SL2980 Datasheet HTML 18Page - Seiko Instruments Inc SL2980 Datasheet HTML 19Page - Seiko Instruments Inc SL2980 Datasheet HTML 20Page - Seiko Instruments Inc SL2980 Datasheet HTML 21Page - Seiko Instruments Inc SL2980 Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-L2980 Series
Rev.5.1_00
Seiko Instruments Inc.
18
Reference Data
1. Transient Response Characteristics (S-L2980A30MC, Typical data, Ta=25
°C)
Overshoot
Input voltage
or
Load current
Output voltage
Undershoot
1-1. Power Source Fluctuation
Overshoot
Undershoot
TIME (20
μs / div.)
VIN
CL=2.2 μF
VIN, VON/OFF=4.0 →5.0 V, IOUT=1.0 mA
5.0
4.0
3.10
3.05
3.0
VIN
VOUT
TIME (20
μs / div.)
VIN
CL=2.2 μF
5.0
4.0
3.10
3.05
3.0
VIN, VON/OFF=5.0→4.0 V, IOUT=1.0 mA
VOUT
Overshoot
Undershoot
TIME (20
μs / div.)
VIN
CL=2.2 μF
5.0
4.0
3.10
3.05
3.0
VIN, VON/OFF=4.0→5.0 V, IOUT=50 mA
VOUT
TIME (20
μs / div.)
VIN
CL=2.2 μF
VIN, VON/OFF=5.0→4.0 V, IOUT=50 mA
5.0
4.0
3.10
3.05
3.0
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com