Electronic Components Datasheet Search
  English  ▼

X  

SL2980 Datasheet(PDF) 15 Page - Seiko Instruments Inc

Part # SL2980
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SL2980 Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button SL2980 Datasheet HTML 11Page - Seiko Instruments Inc SL2980 Datasheet HTML 12Page - Seiko Instruments Inc SL2980 Datasheet HTML 13Page - Seiko Instruments Inc SL2980 Datasheet HTML 14Page - Seiko Instruments Inc SL2980 Datasheet HTML 15Page - Seiko Instruments Inc SL2980 Datasheet HTML 16Page - Seiko Instruments Inc SL2980 Datasheet HTML 17Page - Seiko Instruments Inc SL2980 Datasheet HTML 18Page - Seiko Instruments Inc SL2980 Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_00
S-L2980 Series
Seiko Instruments Inc.
15
3. Output Voltage versus Input Voltage
S-L2980A15 (Ta=25°C)
S-L2980A30 (Ta=25°C)
1.40
1.45
1.50
1.55
1.60
1.0
1.5
2.0
2.5
3.0
3.5
VIN [V]
IOUT=1.0 mA
30 mA
50 mA
100 mA
2.95
3.00
3.05
3.10
3.15
2.5
3.0
3.5
4.0
4.5
5.0
VIN [V]
2.85
2.90
IOUT=1.0 mA
30 mA
50 mA
100 mA
S-L2980A50 (Ta=25°C)
4.80
4.90
5.00
5.10
5.20
4.5
5.0
5.5
6.0
6.5
7.0
VIN [V]
IOUT=1.0 mA
30 mA
50 mA
100 mA
4. Dropout Voltage versus Output Voltage
S-L2980A15
S-L2980A30
0
100
200
300
400
500
600
0
50
100
150
IOUT [mA]
Ta=–40°C
25°C
85°C
0
50
100
150
200
250
300
350
400
0
50
100
150
IOUT [mA]
Ta=–40°C
25°C
85°C
S-L2980A50
0
50
100
150
200
250
300
350
0
50
100
150
IOUT [mA]
Ta=–40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com