Electronic Components Datasheet Search
  English  ▼

X  

SL2980 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # SL2980
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SL2980 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button SL2980 Datasheet HTML 8Page - Seiko Instruments Inc SL2980 Datasheet HTML 9Page - Seiko Instruments Inc SL2980 Datasheet HTML 10Page - Seiko Instruments Inc SL2980 Datasheet HTML 11Page - Seiko Instruments Inc SL2980 Datasheet HTML 12Page - Seiko Instruments Inc SL2980 Datasheet HTML 13Page - Seiko Instruments Inc SL2980 Datasheet HTML 14Page - Seiko Instruments Inc SL2980 Datasheet HTML 15Page - Seiko Instruments Inc SL2980 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-L2980 Series
Rev.5.1_00
Seiko Instruments Inc.
12
3. ON/OFF Pin
This pin starts and stops the regulator.
When the ON/OFF pin is set to OFF level, the operation of all internal circuits stops, the built-in P-
channel MOS FET output transistor between VIN pin and VOUT pin is turned off to make current
consumption drastically reduced. The VOUT pin becomes the VSS level due to internally divided
resistance of several hundreds k
Ω between the VOUT pin and VSS pin.
Furthermore, the structure of the ON/OFF pin is as shown in Figure 12. Since the ON/OFF pin is
neither pulled down nor pulled up internally, do not use it in the floating state. In addition, please note
that current consumption increases if a voltage of 0.3 V to VIN–0.3 V is applied to the ON/OFF pin.
When the ON/OFF pin is not used, connect it to the VIN pin in case the product type is “A” and to the
VSS pin in case of “B”.
Table 5
Product Type
ON/OFF Pin
Internal Circuit
VOUT Pin Voltage
Current Consumption
A
“H”: ON
Operate
Set value
ISS1
A
“L”: OFF
Stop
VSS level
ISS2
B
“H”: OFF
Stop
VSS level
ISS2
B
“L”: ON
Operate
Set value
ISS1
VSS
ON/OFF
VIN
Figure 12
Selection of Output Capacitor (CL)
The S-L2980 Series needs an output capacitor between VOUT pin and VSS pin for phase compensation.
A ceramic capacitor whose capacitance is 1.0
μF or more*1 can be used. When an OS (Organic Semi-
conductor) capacitor, a tantalum capacitor or an aluminum electrolyte capacitor is used, the capacitance
should be 2.2
μF or more and the ESR should be 10 Ω or less.
The value of the output overshoot or undershoot transient response varies depending on the value of the
output capacitor.
Sufficient evaluation including temperature dependency in the actual environment is needed.
*1. If the product whose output voltage is 1.7 V or less will be used, the capacitance should be 2.2
μF
or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com