Electronic Components Datasheet Search
  English  ▼

X  

SL2980 Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # SL2980
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SL2980 Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button SL2980 Datasheet HTML 12Page - Seiko Instruments Inc SL2980 Datasheet HTML 13Page - Seiko Instruments Inc SL2980 Datasheet HTML 14Page - Seiko Instruments Inc SL2980 Datasheet HTML 15Page - Seiko Instruments Inc SL2980 Datasheet HTML 16Page - Seiko Instruments Inc SL2980 Datasheet HTML 17Page - Seiko Instruments Inc SL2980 Datasheet HTML 18Page - Seiko Instruments Inc SL2980 Datasheet HTML 19Page - Seiko Instruments Inc SL2980 Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-L2980 Series
Rev.5.1_00
Seiko Instruments Inc.
16
5. Output Voltage versus Ambient Temperature
S-L2980A15
S-L2980A30
1.47
1.48
1.49
1.50
1.51
1.52
1.53
–50
0
50
100
Ta [°C]
2.94
2.96
2.98
3.00
3.02
3.04
3.06
–50
0
50
100
Ta [°C]
S-L2980A50
4.90
4.95
5.00
5.05
5.10
–50
0
50
100
Ta [°C]
6. Line Regulation versus Ambient Temperature
7. Load Regulation versus Ambient Temperature
S-L2980Axx
S-L2980Axx
0
10
20
30
40
–50
0
50
100
Ta [°C]
S-L2980A15
CIN=4.7 μF, CL=10 μF
S-L2980A30
S-L2980A50
0
10
20
30
40
–50
0
50
100
Ta [°C]
S-L2980A15
CIN=4.7 μF, CL=10 μF
S-L2980A30
S-L2980A50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com