Electronic Components Datasheet Search
  English  ▼

X  

SL2980 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # SL2980
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SL2980 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  SL2980 Datasheet HTML 1Page - Seiko Instruments Inc SL2980 Datasheet HTML 2Page - Seiko Instruments Inc SL2980 Datasheet HTML 3Page - Seiko Instruments Inc SL2980 Datasheet HTML 4Page - Seiko Instruments Inc SL2980 Datasheet HTML 5Page - Seiko Instruments Inc SL2980 Datasheet HTML 6Page - Seiko Instruments Inc SL2980 Datasheet HTML 7Page - Seiko Instruments Inc SL2980 Datasheet HTML 8Page - Seiko Instruments Inc SL2980 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_00
S-L2980 Series
Seiko Instruments Inc.
3
Product Name Structure
• The product types and output voltage for S-L2980 Series can be selected at the user’s request. Refer to
the “1. Product Name” for the meanings of the characters in the product name, “2. Package” regarding
the package drawings and “3. Product Name List” for the full product names.
1. Product Name
S-L2980 x xx MC - TF - x
Output voltage
15 to 60
(e.g. when the output voltage is 1.5 V,
it is expressed as 15.)
IC direction in tape specifications
*1
Package name (abbreviation)
MC: SOT-23-5
Product type
*2
A: ON/OFF pin positive logic
B: ON/OFF pin negative logic
Environmental code
U: Lead-free (Sn 100%), halogen-free
G: Lead-free (for details, please contact our sales office)
*1. Refer to the tape drawing.
*2. Refer to the “3. ON/OFF Pin” in the “ Operation”.
2. Package
Drawing Code
Package Name
Package
Tape
Reel
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com