Electronic Components Datasheet Search
  English  ▼

X  

SL2980 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # SL2980
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SL2980 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button SL2980 Datasheet HTML 2Page - Seiko Instruments Inc SL2980 Datasheet HTML 3Page - Seiko Instruments Inc SL2980 Datasheet HTML 4Page - Seiko Instruments Inc SL2980 Datasheet HTML 5Page - Seiko Instruments Inc SL2980 Datasheet HTML 6Page - Seiko Instruments Inc SL2980 Datasheet HTML 7Page - Seiko Instruments Inc SL2980 Datasheet HTML 8Page - Seiko Instruments Inc SL2980 Datasheet HTML 9Page - Seiko Instruments Inc SL2980 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-L2980 Series
Rev.5.1_00
Seiko Instruments Inc.
6
Electrical Characteristics
Table 4
(Ta=25
°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Output voltage
*1
VOUT(E)
VIN =VOUT(S)+1.0 V, IOUT=50 mA
VOUT(S)
× 0.98
VOUT(S) VOUT(S)
× 1.02
V
1
Output current
*2
IOUT
VIN ≥VOUT(S)+1.0 V
150
*5
⎯
⎯
mA
3
Dropout voltage
*3
Vdrop
IOUT = 50 mA
1.5 V
≤VOUT(S) ≤1.7 V
⎯
0.17
0.33
V
1
1.8 V
≤VOUT(S) ≤1.9 V
⎯
0.16
0.29
V
1
2.0 V
≤VOUT(S) ≤2.4 V
⎯
0.15
0.26
V
1
2.5 V
≤VOUT(S) ≤2.9 V
⎯
0.13
0.20
V
1
3.0 V
≤VOUT(S) ≤3.2 V
⎯
0.12
0.15
V
1
3.3 V
≤VOUT(S) ≤6.0 V
⎯
0.11
0.14
V
1
Line regulation
OUT
IN
1
OUT
V
V
Δ
V
Δ
•
VOUT(S)+0.5 V ≤VIN ≤10 V, IOUT=50 mA
⎯
0.05
0.2
%/V
1
Load regulation
ΔVOUT2
VIN=VOUT(S)+1.0 V, 1.0 mA ≤IOUT ≤80 mA
⎯
12
40
mV
1
Output voltage
temperature coefficient
*4
OUT
OUT
V
Ta
Δ
V
Δ
•
VIN=VOUT(S)+1.0 V, IOUT =50 mA,
–40
°C ≤Ta ≤85°C
⎯
±100
⎯
ppm/
°C
1
Current consumption
during operation
ISS1
VIN=VOUT(S)+1.0 V, ON/OFF pin=ON,
No load
⎯
90
140
μA
2
Current consumption
during power-off
ISS2
VIN=VOUT(S)+1.0 V, ON/OFF pin =OFF,
No load
⎯
0.1
1.0
μA
2
Input voltage
VIN
⎯
2.0
⎯
10
V
⎯
ON/OFF pin
input voltage “H”
VSH
VIN=VOUT(S)+1.0 V, RL=1.0 kΩ
1.5
⎯
⎯
V
4
ON/OFF pin
input voltage “L”
VSL
VIN=VOUT(S)+1.0 V, RL=1.0 kΩ
⎯
⎯
0.3
V
4
ON/OFF pin
input current “H”
ISH
VIN=VOUT(S)+1.0 V, VON/OFF=7.0 V
–0.1
⎯
0.1
μA
4
ON/OFF pin
input current “L”
ISL
VIN=VOUT(S)+1.0 V, VON/OFF=0 V
–0.1
⎯
0.1
μA
4
Ripple rejection
RR
1.5 V
≤VOUT(S) ≤3.3 V
⎯
70
⎯
dB
5
3.4 V
≤VOUT(S) ≤5.0 V
⎯
65
⎯
dB
5
VIN=VOUT(S)+1.0 V,
f = 1.0 kHz,
ΔVrip=0.5 V rms,
IOUT=50 mA
5.1 V
≤VOUT(S) ≤6.0 V
⎯
60
⎯
dB
5
*1. VOUT(S): Set output voltage
VOUT(E): Actual output voltage at the fixed load
The output voltage when fixing IOUT(=50 mA) and inputting VOUT(S)+1.0 V
*2. Output current at which output voltage becomes 95 % of VOUT after gradually increasing output current.
*3. Vdrop=VIN1−(VOUT×0.98)
VIN1 is the input voltage at which output voltage becomes 98 % of VOUT after gradually decreasing input voltage.
*4. Temperature change ratio in the output voltage [mV/°C] is calculated by using the following equation.
ΔVOUT
ΔTa []
mV/°C
*1 = V
OUT(S) []
V
*2 ×
ΔVOUT
ΔTa•VOUT []
ppm/°C
*3 ÷ 1000
*1. Temperature change ratio of the output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient
*5. The output current can be supplied at least to this value.
Due to restrictions on the package power dissipation, this value may not be satisfied.
Attention should be paid to the power dissipation of the package when the load is large.
This specification is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com