Electronic Components Datasheet Search
  English  ▼

X  

SL2980 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # SL2980
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SL2980 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button SL2980 Datasheet HTML 6Page - Seiko Instruments Inc SL2980 Datasheet HTML 7Page - Seiko Instruments Inc SL2980 Datasheet HTML 8Page - Seiko Instruments Inc SL2980 Datasheet HTML 9Page - Seiko Instruments Inc SL2980 Datasheet HTML 10Page - Seiko Instruments Inc SL2980 Datasheet HTML 11Page - Seiko Instruments Inc SL2980 Datasheet HTML 12Page - Seiko Instruments Inc SL2980 Datasheet HTML 13Page - Seiko Instruments Inc SL2980 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-L2980 Series
Rev.5.1_00
Seiko Instruments Inc.
10
7. Output Voltage Temperature Coefficient ⎝
⎛
⎠
⎞
ΔVOUT
ΔTa•VOUT
The shaded area in Figure 10 is the range where VOUT varies in operation temperature range when the
output voltage temperature coefficient is
±100 ppm/°C.
VOUT(E)
*1
−40
+25
+0.28 mV/°C
VOUT
[V]
+85
Ta [
°C]
−0.28 mV/°C
Example of S-L2980A28 typ. product
*1. VOUT(E) is the value of the output voltage measured at Ta=+25°C.
Figure 10
A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
ΔVOUT
ΔTa []
mV/°C
*1 = V
OUT(S) []
V
*2 ×
ΔVOUT
ΔTa•VOUT []
ppm/°C
*3 ÷ 1000
*1. Change in temperature of output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com