Electronic Components Datasheet Search
  English  ▼

X  

SL2980 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # SL2980
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SL2980 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button SL2980 Datasheet HTML 13Page - Seiko Instruments Inc SL2980 Datasheet HTML 14Page - Seiko Instruments Inc SL2980 Datasheet HTML 15Page - Seiko Instruments Inc SL2980 Datasheet HTML 16Page - Seiko Instruments Inc SL2980 Datasheet HTML 17Page - Seiko Instruments Inc SL2980 Datasheet HTML 18Page - Seiko Instruments Inc SL2980 Datasheet HTML 19Page - Seiko Instruments Inc SL2980 Datasheet HTML 20Page - Seiko Instruments Inc SL2980 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_00
S-L2980 Series
Seiko Instruments Inc.
17
8. Threshold Voltage of ON/OFF Pin versus Input Voltage
S-L2980A15
RL=100 Ω, CIN=4.7 μF, CL=10 μF
10
VIN [V]
0
0.0
1.5
1.0
0.5
8
6
4
2
Ta =
−40°C
85
°C 25°C
Ta =
−40°C
25
°C
85
°C
9. Current Consumption versus Input Voltage
S-L2980A15
S-L2980A30
0
20
40
60
80
100
0
2
4
6
8
10
VIN [V]
25°C
85°C
Ta=–40°C
0
20
40
60
80
100
0
2
4
6
8
10
VIN [V]
25°C 85°C
Ta=–40°C
S-L2980A50
0
20
40
60
80
100
0
2
4
6
8
10
VIN [V]
25°C 85°C
Ta=–40°C
10. Ripple Rejection
S-L2980A30 (Ta=25°C)
S-L2980A50 (Ta=25°C)
0
20
40
60
80
100
Frequency [Hz]
VIN=4.0 V, CL=2.2 μF
10
100
1 k
10 k
100 k
1 M
50 mA
IOUT=1 mA
0
20
40
60
80
100
Frequency [Hz]
VIN=6.0 V, CL=2.2 μF
10
100
1 k
10 k
100 k
1 M
50 mA
IOUT=1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com