Electronic Components Datasheet Search
  English  ▼

X  

SL2980 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # SL2980
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SL2980 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  SL2980 Datasheet HTML 1Page - Seiko Instruments Inc SL2980 Datasheet HTML 2Page - Seiko Instruments Inc SL2980 Datasheet HTML 3Page - Seiko Instruments Inc SL2980 Datasheet HTML 4Page - Seiko Instruments Inc SL2980 Datasheet HTML 5Page - Seiko Instruments Inc SL2980 Datasheet HTML 6Page - Seiko Instruments Inc SL2980 Datasheet HTML 7Page - Seiko Instruments Inc SL2980 Datasheet HTML 8Page - Seiko Instruments Inc SL2980 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-L2980 Series
Rev.5.1_00
Seiko Instruments Inc.
4
3. Product Name List
Table 1
Output Voltage
SOT-23-5
1.5 V ±2.0 %
S-L2980A15MC-TF-x
1.6 V ±2.0 %
S-L2980A16MC-TF-x
1.7 V ±2.0 %
S-L2980A17MC-TF-x
1.8 V ±2.0 %
S-L2980A18MC-TF-x
1.9 V ±2.0 %
S-L2980A19MC-TF-x
2.0 V ±2.0 %
S-L2980A20MC-TF-x
2.1 V ±2.0 %
S-L2980A21MC-TF-x
2.2 V ±2.0 %
S-L2980A22MC-TF-x
2.3 V ±2.0 %
S-L2980A23MC-TF-x
2.4 V ±2.0 %
S-L2980A24MC-TF-x
2.5 V ±2.0 %
S-L2980A25MC-TF-x
2.6 V ±2.0 %
S-L2980A26MC-TF-x
2.7 V ±2.0 %
S-L2980A27MC-TF-x
2.8 V ±2.0 %
S-L2980A28MC-TF-x
2.9 V ±2.0 %
S-L2980A29MC-TF-x
3.0 V ±2.0 %
S-L2980A30MC-TF-x
3.1 V ±2.0 %
S-L2980A31MC-TF-x
3.2 V ±2.0 %
S-L2980A32MC-TF-x
3.3 V ±2.0 %
S-L2980A33MC-TF-x
3.4 V ±2.0 %
S-L2980A34MC-TF-x
3.5 V ±2.0 %
S-L2980A35MC-TF-x
3.6 V ±2.0 %
S-L2980A36MC-TF-x
3.7 V ±2.0 %
S-L2980A37MC-TF-x
3.8 V ±2.0 %
S-L2980A38MC-TF-x
3.9 V ±2.0 %
S-L2980A39MC-TF-x
4.0 V ±2.0 %
S-L2980A40MC-TF-x
4.1 V ±2.0 %
S-L2980A41MC-TF-x
4.2 V ±2.0 %
S-L2980A42MC-TF-x
4.3 V ±2.0 %
S-L2980A43MC-TF-x
4.4 V ±2.0 %
S-L2980A44MC-TF-x
4.5 V ±2.0 %
S-L2980A45MC-TF-x
4.6 V ±2.0 %
S-L2980A46MC-TF-x
4.7 V ±2.0 %
S-L2980A47MC-TF-x
4.8 V ±2.0 %
S-L2980A48MC-TF-x
4.9 V ±2.0 %
S-L2980A49MC-TF-x
5.0 V ±2.0 %
S-L2980A50MC-TF-x
5.1 V ±2.0 %
S-L2980A51MC-TF-x
5.2 V ±2.0 %
S-L2980A52MC-TF-x
5.3 V ±2.0 %
S-L2980A53MC-TF-x
5.4 V ±2.0 %
S-L2980A54MC-TF-x
5.5 V ±2.0 %
S-L2980A55MC-TF-x
5.6 V ±2.0 %
S-L2980A56MC-TF-x
5.7 V ±2.0 %
S-L2980A57MC-TF-x
5.8 V ±2.0 %
S-L2980A58MC-TF-x
5.9 V ±2.0 %
S-L2980A59MC-TF-x
6.0 V ±2.0 %
S-L2980A60MC-TF-x
Remark 1. Please contact our sales office for type B products.
2. x: G or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com