Electronic Components Datasheet Search
  English  ▼

X  

SL2980 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # SL2980
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SL2980 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  SL2980 Datasheet HTML 1Page - Seiko Instruments Inc SL2980 Datasheet HTML 2Page - Seiko Instruments Inc SL2980 Datasheet HTML 3Page - Seiko Instruments Inc SL2980 Datasheet HTML 4Page - Seiko Instruments Inc SL2980 Datasheet HTML 5Page - Seiko Instruments Inc SL2980 Datasheet HTML 6Page - Seiko Instruments Inc SL2980 Datasheet HTML 7Page - Seiko Instruments Inc SL2980 Datasheet HTML 8Page - Seiko Instruments Inc SL2980 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
S-L2980 Series
www.sii-ic.com
HIGH RIPPLE-REJECTION AND LOW DROPOUT
CMOS VOLTAGE REGULATOR
© Seiko Instruments Inc., 2001-2012
Rev.5.1_00
Seiko Instruments Inc.
1
The S-L2980 Series is a positive voltage regulator with a low dropout voltage, high output voltage accuracy, and
low current consumption developed based on CMOS technology.
A built-in low on-resistance transistor provides a low dropout voltage and a large output current. A ON/OFF
circuit ensures long battery life.
Various types of output capacitors can be used in the S-L2980 Series compared with the conventional CMOS
voltage regulators. A small ceramic capacitor can also be used.
Features
• Output voltage:
1.5 V to 6.0 V, selectable in 0.1 V steps
• Output voltage accuracy:
±2.0 %
• Dropout voltage:
120 mV typ. (3.0 V output product, IOUT=50 mA)
• Current consumption:
During operation: 90
μA typ., 140 μA max.
During power-off: 0.1
μA typ., 1.0 μA max.
• Output current:
Possible to output 150 mA (VIN≥VOUT(S)+1.0 V)
*1
• Output capacitor:
A ceramic capacitor of 1.0
μF or more can be used.
(A ceramic capacitor of 2.2
μF or more can be used for the products whose
output voltage is 1.7 V or less.)
• Ripple rejection:
70 dB typ. (f=1.0 kHz)
• Built-in ON/OFF circuit:
Ensures long battery life.
• Operation temperature range: Ta=–40°C to +85°C
• Lead-free, Sn 100%, halogen-free*2
*1. Attention should be paid to the power dissipation of the package when the load is large.
*2. Refer to “ Product Name Structure” for details.
Applications
• Power supply for battery-powered device
• Power supply for personal communication device
• Power supply for home electric/electronic appliance
• Power supply for cellular phone
Package
• SOT-23-5


Similar Part No. - SL2980

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL29 BILIN-SL29 Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SL29 BILIN-SL29 Datasheet
599Kb / 4P
Schottky Barrier Rectifiers
Rev.B
logo
GOOD-ARK Electronics
SL29A GOOD-ARK-SL29A Datasheet
196Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Galaxy Semi-Conductor H...
SL29A BILIN-SL29A Datasheet
107Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
GOOD-ARK Electronics
SL29B GOOD-ARK-SL29B Datasheet
206Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SL2980

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1111 SII-S-1111 Datasheet
290Kb / 25P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1701 SII-S1701 Datasheet
935Kb / 71P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1172 SII-S1172 Datasheet
554Kb / 35P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1170 SII-S1170 Datasheet
685Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1165 SII-S1165 Datasheet
397Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1155 SII-S1155 Datasheet
486Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1135 SII-S1135 Datasheet
924Kb / 48P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1132 SII-S1132 Datasheet
573Kb / 35P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1131 SII-S1131 Datasheet
852Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1112 SII-S1112 Datasheet
664Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com