Electronic Components Datasheet Search
  English  ▼

X  

S1721 Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # S1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1721 Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S1721 Datasheet HTML 14Page - Seiko Instruments Inc S1721 Datasheet HTML 15Page - Seiko Instruments Inc S1721 Datasheet HTML 16Page - Seiko Instruments Inc S1721 Datasheet HTML 17Page - Seiko Instruments Inc S1721 Datasheet HTML 18Page - Seiko Instruments Inc S1721 Datasheet HTML 19Page - Seiko Instruments Inc S1721 Datasheet HTML 20Page - Seiko Instruments Inc S1721 Datasheet HTML 21Page - Seiko Instruments Inc S1721 Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1721 Series
Rev.2.0_00
Seiko Instruments Inc.
18
Standard Circuit
*1.
CIN is a capacitor for stabilizing the input.
*2.
A ceramic capacitor of 1.0
μF or more can be used for C
L1 and CL2.
VOUT1
ON/OFF1
ON/OFF2
GND
VIN
VOUT2
Single GND
OUTPUT 1
INPUT
VSS
OUTPUT 2
CL2
*2
CL1
*2
CIN
*1
Figure
21
Caution
The above connection diagram and constant will not guarantee successful operation. Perform
thorough evaluation using the actual application to set the constant.
Condition of Application
Input capacitor (CIN) :
1.0
μF or more
Output capacitor (CL1, CL2) :
1.0
μF or more (ceramic capacitor)
Caution A general series regulator may oscillate, depending on the external components. Confirm that no
oscillation occurs in the application for which the above capacitors are used.
Selection of Input and Output Capacitors (CIN, CL1, CL2)
The S-1721 Series requires an output capacitor between the VOUT and VSS pin for phase compensation. Operation is
stabilized by a ceramic capacitor with an output capacitance of 1.0
μF or more over the entire temperature range.
When using an OS capacitor, tantalum capacitor, or aluminum electrolytic capacitor, the capacitance must be 1.0
μF or
more.
The value of the output overshoot or undershoot transient response varies depending on the value of the output
capacitor. The required capacitance of the input capacitor differs depending on the application.
The recommended capacitance for an application is CIN ≥ 1.0 μF, CL1 ≥ 1.0 μF, CL2 ≥ 1.0 μF; however, when selecting
the output capacitor, perform sufficient evaluation, including evaluation of temperature characteristics, on the actual
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com