Electronic Components Datasheet Search
  English  ▼

X  

S1721 Datasheet(PDF) 22 Page - Seiko Instruments Inc

Part # S1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1721 Datasheet(HTML) 22 Page - Seiko Instruments Inc

Back Button S1721 Datasheet HTML 18Page - Seiko Instruments Inc S1721 Datasheet HTML 19Page - Seiko Instruments Inc S1721 Datasheet HTML 20Page - Seiko Instruments Inc S1721 Datasheet HTML 21Page - Seiko Instruments Inc S1721 Datasheet HTML 22Page - Seiko Instruments Inc S1721 Datasheet HTML 23Page - Seiko Instruments Inc S1721 Datasheet HTML 24Page - Seiko Instruments Inc S1721 Datasheet HTML 25Page - Seiko Instruments Inc S1721 Datasheet HTML 26Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1721 Series
Rev.2.0_00
Seiko Instruments Inc.
22
3. ON/OFF pin 1 and 2
These pins start and stop the regulator.
When the ON/OFF pin is set to the power-off level, the entire internal circuit stops operating, and the built-in P-
channel MOS FET output transistor between the VIN and VOUT pin is turned off, in order to reduce the current
consumption significantly. The VOUT pin is set to the VSS level by the internal dividing resistor of several hundred
k
Ω which is placed between the VOUT and VSS pin. Note that the current consumption increases when a voltage of
0.3 V to 1.2 V (@Ta = 25
°C) is applied to the ON/OFF pin.
The ON/OFF pin is configured as shown in Figures 24 and 25. In the S-1721 Series A, B C, and D types, the
ON/OFF pin is internally pulled up to VIN or pulled down to VSS when in the floating status, so the VOUT pin is set
to the VSS level.
In the S-1721 Series E, F, G and H types, do not use S-1721 Series in the floating status because the ON/OFF pin
is not internally pulled up or pulled down.
When not using the ON/OFF pin in the S-1721 Series E, F, G, and H types, connect the ON/OFF pin to the VIN pin
in the E, F (1ch only), and G (2ch only) types. In the F (2ch only), G (1ch only) and H types, connect the ON/OFF pin
to the VSS pin.
Table
11
Logic Type
ON/OFF Pin
Internal
Circuits
VOUT Pin Voltage
Current
Consumption
A
1ch “H”: Power on
2ch “H”: Power on
Operate
Operate
Set value
Set value
ISS1
ISS1
B
1ch “H”: Power on
2ch “L”: Power on
Operate
Operate
Set value
Set value
ISS1
ISS1
C
1ch “L”: Power on
2ch “H”: Power on
Operate
Operate
Set value
Set value
ISS1
ISS1
D
1ch “L”: Power on
2ch “L”: Power on
Operate
Operate
Set value
Set value
ISS1
ISS1
E
1ch “L”: Power off
2ch “L”: Power off
Stop
Stop
VSS level
VSS level
ISS2
ISS2
F
1ch “L”: Power off
2ch “H”: Power off
Stop
Stop
VSS level
VSS level
ISS2
ISS2
G
1ch “H”: Power off
2ch “L”: Power off
Stop
Stop
VSS level
VSS level
ISS2
ISS2
H
1ch “H”: Power off
2ch “H”: Power off
Stop
Stop
VSS level
VSS level
ISS2
ISS2
(1)
S-1721 Series A, B, C, D Types
(2)
S-1721 Series E, F, G, H Types
VSS
VIN
ON/OFF
B (2ch), C (1ch), D types
A, B (1ch), C (2ch) type
VSS
VIN
ON/OFF
Figure
24
Figure
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com