Electronic Components Datasheet Search
  English  ▼

X  

S1721 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1721 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S1721 Datasheet HTML 5Page - Seiko Instruments Inc S1721 Datasheet HTML 6Page - Seiko Instruments Inc S1721 Datasheet HTML 7Page - Seiko Instruments Inc S1721 Datasheet HTML 8Page - Seiko Instruments Inc S1721 Datasheet HTML 9Page - Seiko Instruments Inc S1721 Datasheet HTML 10Page - Seiko Instruments Inc S1721 Datasheet HTML 11Page - Seiko Instruments Inc S1721 Datasheet HTML 12Page - Seiko Instruments Inc S1721 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.0_00
S-1721 Series
Seiko Instruments Inc.
9
Table
2 (2 / 2)
Voltage Regulator 1
Output Voltage
Voltage Regulator 2
Output Voltage
SNT-6A
SOT-23-6
2.5 V
±1.0%
2.5 V
±1.0%
S-1721A2525-I6T1x
−
2.5 V
±1.0%
2.8 V
±1.0%
S-1721A2528-I6T1x
S-1721A2528-M6T1x
2.5 V
±1.0%
2.85 V
±1.0%
S-1721A252J-I6T1x
−
2.5 V
±1.0%
3.0 V
±1.0%
S-1721A2530-I6T1x
−
2.5 V
±1.0%
3.3 V
±1.0%
S-1721A2533-I6T1x
−
2.6 V
±1.0%
1.3 V
±15 mV
S-1721A2613-I6T1x
−
2.8 V
±1.0%
1.2 V
±15 mV
S-1721A2812-I6T1x
S-1721A2812-M6T1x
2.8 V
±1.0%
1.5 V
±1.0%
S-1721A2815-I6T1x
S-1721A2815-M6T1x
2.8 V
±1.0%
1.8 V
±1.0%
S-1721A2818-I6T1x
S-1721A2818-M6T1x
2.8 V
±1.0%
2.5 V
±1.0%
S-1721A2825-I6T1x
−
2.8 V
±1.0%
2.6 V
±1.0%
S-1721A2826-I6T1x
−
2.8 V
±1.0%
2.8 V
±1.0%
S-1721A2828-I6T1x
S-1721A2828-M6T1x
2.8 V
±1.0%
2.85 V
±1.0%
S-1721A282J-I6T1x
−
2.8 V
±1.0%
3.0 V
±1.0%
S-1721A2830-I6T1x
S-1721A2830-M6T1x
2.8 V
±1.0%
3.3 V
±1.0%
S-1721A2833-I6T1x
S-1721A2833-M6T1x
2.85 V
±1.0%
1.2 V
±15 mV
S-1721A2J12-I6T1x
−
2.85 V
±1.0%
1.5 V
±1.0%
S-1721A2J15-I6T1x
−
2.85 V
±1.0%
1.8 V
±1.0%
S-1721A2J18-I6T1x
−
2.85 V
±1.0%
2.85 V
±1.0%
S-1721A2J2J-I6T1x
S-1721A2J2J-M6T1x
2.85 V
±1.0%
3.3 V
±1.0%
S-1721A2J33-I6T1x
−
3.0 V
±1.0%
1.8 V
±1.0%
S-1721A3018-I6T1x
−
3.0 V
±1.0%
2.8 V
±1.0%
S-1721A3028-I6T1x
−
3.0 V
±1.0%
3.0 V
±1.0%
S-1721A3030-I6T1x
−
3.0 V
±1.0%
3.3 V
±1.0%
S-1721A3033-I6T1x
−
3.1 V
±1.0%
1.9 V
±1.0%
S-1721A3119-I6T1x
−
3.3 V
±1.0%
1.2 V
±15 mV
−
S-1721A3312-M6T1x
3.3 V
±1.0%
1.8 V
±1.0%
S-1721A3318-I6T1x
S-1721A3318-M6T1x
3.3 V
±1.0%
2.8 V
±1.0%
−
S-1721A3328-M6T1x
3.3 V
±1.0%
3.0 V
±1.0%
S-1721A3330-I6T1x
−
3.3 V
±1.0%
3.3 V
±1.0%
S-1721A3333-I6T1x
S-1721A3333-M6T1x
Remark 1.
Please contact our sales office for products with specifications other than the above.
2.
x: G or U
3.
Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com