Electronic Components Datasheet Search
  English  ▼

X  

S1721 Datasheet(PDF) 25 Page - Seiko Instruments Inc

Part # S1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1721 Datasheet(HTML) 25 Page - Seiko Instruments Inc

Back Button S1721 Datasheet HTML 21Page - Seiko Instruments Inc S1721 Datasheet HTML 22Page - Seiko Instruments Inc S1721 Datasheet HTML 23Page - Seiko Instruments Inc S1721 Datasheet HTML 24Page - Seiko Instruments Inc S1721 Datasheet HTML 25Page - Seiko Instruments Inc S1721 Datasheet HTML 26Page - Seiko Instruments Inc S1721 Datasheet HTML 27Page - Seiko Instruments Inc S1721 Datasheet HTML 28Page - Seiko Instruments Inc S1721 Datasheet HTML 29Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.0_00
S-1721 Series
Seiko Instruments Inc.
25
Characteristics (Typical Data) (Per Circuit)
(1) Output Voltage vs. Output Current (When Load Current Increases) (Ta = 25°C)
VOUT = 1.2 V
VOUT = 3.0 V
0
100
200
400
1.2
0.8
0.4
0
IOUT [mA]
1.6
300
1.4
1.0
0.6
0.2
VIN = 1.5 V
1.7 V
2.2 V
3.2 V
6.5 V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
IOUT [mA]
0
100
200
400
300
VIN = 3.3 V
3.5 V
4.0 V
5.0 V
6.5 V
VOUT = 5.0 V
0
100
200
400
5
3
1
0
IOUT [mA]
6
300
4
2
VIN = 5.3 V
5.5 V
6.0 V
6.5 V
Remark
In determining the output current, attention should
be paid to the following.
1. The minimum output current value and
footnote *5 in Table 10 in the “
Electrical
Characteristics”
2. The package power dissipation
(2) Output Voltage vs. Input Voltage (Ta = 25°C)
VOUT = 1.2 V
VOUT = 3.0 V
1.0
1.5
2.0
2.5
3.0
1.30
1.20
1.15
1.05
1.00
VIN [V]
3.5
IOUT = 1 mA
IOUT = 50 mA
IOUT = 30 mA
1.10
1.25
2.5
3.0
3.5
4.0
4.5
3.1
3.0
2.9
2.8
2.7
2.6
2.5
VIN [V]
5.0
IOUT = 1 mA
IOUT = 50 mA
IOUT = 30 mA
VOUT = 5.0 V
4.5
5.0
5.5
6.0
5.2
5.1
5.0
4.8
4.7
4.6
4.5
VIN [V]
6.5
4.9
IOUT = 1 mA
IOUT = 50 mA
IOUT = 30 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com