Electronic Components Datasheet Search
  English  ▼

X  

S1721 Datasheet(PDF) 28 Page - Seiko Instruments Inc

Part # S1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1721 Datasheet(HTML) 28 Page - Seiko Instruments Inc

Back Button S1721 Datasheet HTML 24Page - Seiko Instruments Inc S1721 Datasheet HTML 25Page - Seiko Instruments Inc S1721 Datasheet HTML 26Page - Seiko Instruments Inc S1721 Datasheet HTML 27Page - Seiko Instruments Inc S1721 Datasheet HTML 28Page - Seiko Instruments Inc S1721 Datasheet HTML 29Page - Seiko Instruments Inc S1721 Datasheet HTML 30Page - Seiko Instruments Inc S1721 Datasheet HTML 31Page - Seiko Instruments Inc S1721 Datasheet HTML 32Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1721 Series
Rev.2.0_00
Seiko Instruments Inc.
28
(7) Ripple Rejection (Ta = 25°C)
VOUT = 1.2 V
VIN = 2.2 V, CLn = 1.0 μF
VOUT = 3.0 V
VIN = 4.0 V, CLn = 1.0 μF
10
100
1k
10k
100k
0
20
40
60
80
Frequency [Hz]
1M
120
IOUT = 100 mA
IOUT =30mA
IOUT =1mA
100
10
100
1k
10k
100k
0
20
40
60
80
Frequency [Hz]
1M
120
100
IOUT = 100 mA
IOUT =30mA
IOUT =1mA
VOUT = 5.0 V
VIN = 6.0 V, CLn = 1.0 μF
10
100
1k
10k
100k
0
20
40
60
80
Frequency [Hz]
1M
120
100
IOUT = 100 mA
IOUT =30mA
IOUT =1mA
Remark
CLn: Capacitor set to VOUTn pin externally (n = 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com