Electronic Components Datasheet Search
  English  ▼

X  

S1721 Datasheet(PDF) 30 Page - Seiko Instruments Inc

Part # S1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1721 Datasheet(HTML) 30 Page - Seiko Instruments Inc

Back Button S1721 Datasheet HTML 26Page - Seiko Instruments Inc S1721 Datasheet HTML 27Page - Seiko Instruments Inc S1721 Datasheet HTML 28Page - Seiko Instruments Inc S1721 Datasheet HTML 29Page - Seiko Instruments Inc S1721 Datasheet HTML 30Page - Seiko Instruments Inc S1721 Datasheet HTML 31Page - Seiko Instruments Inc S1721 Datasheet HTML 32Page - Seiko Instruments Inc S1721 Datasheet HTML 33Page - Seiko Instruments Inc S1721 Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1721 Series
Rev.2.0_00
Seiko Instruments Inc.
30
VOUT = 5.0 V
VIN = 6.0 V, CLn = 1.0 μF, CIN = 1.0 μF, IOUT = 10 ↔ 50 mA
VOUT = 5.0 V
VIN = 6.0 V, CLn = 1.0 μF, CIN = 1.0 μF, IOUT = 10 ↔ 100 mA
5.50
5.40
5.20
5.10
5.00
4.90
4.70
4.60
t [
μs]
100
25
0
−125
−100
−50
−25
75
−50
200
300
0
50 100 150
250
350
−100
50
−75
4.80
5.30
VOUT
IOUT
5.50
5.40
5.20
5.10
5.00
4.90
4.70
4.60
t [
μs]
200
50
0
−250
−200
−100
−50
150
−50
200
300
0
50 100 150
250
350
−100
100
−150
4.80
5.30
VOUT
IOUT
(3) Transient Response Characteristics of ON/OFF Pin (Ta = 25°C)
VOUT = 1.2 V
VIN = 2.2 V, tr = 5.0 μs, CLn = 1.0 μF, CIN = 1.0 μF, IOUT = 100 mA
VOUT = 3.0 V
VIN = 4.0 V, tr = 5.0 μs, CLn = 1.0 μF, CIN = 1.0 μF, IOUT = 100 mA
1.2
0.8
0.4
0
t [
μs]
4.0
2.0
0
0
50
100
150
200
VOUT
VON / OFF
1.6
2.0
2.4
−2.0
−4.0
−6.0
−8.0
3.0
2.0
1.0
0
t [
μs]
6.0
4.0
0
0
50
100
150
200
VOUT
VON / OFF
2.0
4.0
5.0
6.0
7.0
−2.0
−4.0
−6.0
−8.0
VOUT = 5.0 V
VIN = 6.0 V, tr = 5.0 μs, CLn = 1.0 μF, CIN = 1.0 μF, IOUT = 100 mA
3.0
2.0
1.0
0
t [
μs]
8.0
4.0
0
0
50
100
150
200
2.0
4.0
5.0
VOUT
VON / OFF
6.0
6.0
7.0
8.0
9.0
10.0
−2.0
−4.0
−6.0
−8.0
−10.0
−12.0
Remark
CLn: Capacitor set to VOUTn pin externally (n = 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com