Electronic Components Datasheet Search
  English  ▼

X  

S1721 Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # S1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1721 Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S1721 Datasheet HTML 25Page - Seiko Instruments Inc S1721 Datasheet HTML 26Page - Seiko Instruments Inc S1721 Datasheet HTML 27Page - Seiko Instruments Inc S1721 Datasheet HTML 28Page - Seiko Instruments Inc S1721 Datasheet HTML 29Page - Seiko Instruments Inc S1721 Datasheet HTML 30Page - Seiko Instruments Inc S1721 Datasheet HTML 31Page - Seiko Instruments Inc S1721 Datasheet HTML 32Page - Seiko Instruments Inc S1721 Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.0_00
S-1721 Series
Seiko Instruments Inc.
29
Reference Data (Per Circuit)
(1) Transient Response Characteristics when Input (Ta = 25°C) Common to VR1 and VR2
VOUT = 1.2 V
IOUT = 30 mA, tr = tf = 5.0 μs, CLn = 1.0 μF, CIN = 1.0 μF
VOUT = 3.0 V
IOUT = 30 mA, tr = tf = 5.0 μs, CLn = 1.0 μF, CIN = 1.0 μF
1.30
1.28
1.26
1.24
1.22
1.20
1.18
1.16
1.14
t [
μs]
4.0
3.0
2.5
2.0
0
0.5
1.0
1.5
3.5
−50
200
300
0
50 100 150
250
350
−100
VOUT
VIN
3.10
3.08
3.06
3.04
3.02
3.00
2.98
2.96
t [
μs]
7.0
5.0
4.0
0
1.0
2.0
3.0
6.0
−50
200
300
0
50 100 150
250
350
−100
VOUT
VIN
VOUT = 5.0 V
IOUT = 30 mA, tr = tf = 5.0 μs, CLn = 1.0 μF, CIN = 1.0 μF
5.04
5.03
5.02
5.01
5.00
4.99
4.98
4.97
t [
μs]
7.0
6.0
5.5
3.5
4.0
4.5
5.0
6.5
−50
200
300
0
50 100 150
250
350
−100
VOUT
VIN
(2) Transient Response Characteristics of Load (Ta = 25°C)
VOUT = 1.2 V
VIN = 2.2 V, CLn = 1.0 μF, CIN = 1.0 μF, IOUT = 10 ↔ 50 mA
VOUT = 1.2 V
VIN = 2.2 V, CLn = 1.0 μF, CIN = 1.0 μF, IOUT = 10 ↔ 100 mA
1.46
1.42
1.34
1.30
1.26
1.22
1.14
1.10
t [
μs]
100
25
0
−150
−125
−50
−25
75
−50
200
300
0
50 100 150
250
350
−100
50
−100
1.18
1.38
VOUT
IOUT
1.42
1.38
1.30
1.26
1.22
1.18
1.10
1.06
t [
μs]
200
50
0
−250
−200
−100
−50
150
−50
200
300
0
50 100 150
250
350
−100
VOUT
IOUT
100
−150
1.14
1.34
VOUT = 3.0 V
VIN = 4.0 V, CLn = 1.0 μF, CIN = 1.0 μF, IOUT = 10 ↔ 50 mA
VOUT = 3.0 V
VIN = 4.0 V, CLn = 1.0 μF, CIN = 1.0 μF, IOUT = 10 ↔ 100 mA
3.25
3.20
3.10
3.05
3.00
2.95
2.85
2.80
t [
μs]
100
25
0
−125
−100
−50
−25
75
−50
200
300
0
50 100 150
250
350
−100
50
−75
2.90
3.15
VOUT
IOUT
3.25
3.20
3.10
3.05
3.00
2.95
2.85
2.80
t [
μs]
200
50
0
−250
−200
−100
−50
150
−50
200
300
0
50 100 150
250
350
−100
100
−150
2.90
3.15
VOUT
IOUT
Remark
CLn: Capacitor set to VOUTn pin externally (n = 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com