Electronic Components Datasheet Search
  English  ▼

X  

S1721 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1721 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S1721 Datasheet HTML 3Page - Seiko Instruments Inc S1721 Datasheet HTML 4Page - Seiko Instruments Inc S1721 Datasheet HTML 5Page - Seiko Instruments Inc S1721 Datasheet HTML 6Page - Seiko Instruments Inc S1721 Datasheet HTML 7Page - Seiko Instruments Inc S1721 Datasheet HTML 8Page - Seiko Instruments Inc S1721 Datasheet HTML 9Page - Seiko Instruments Inc S1721 Datasheet HTML 10Page - Seiko Instruments Inc S1721 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.0_00
S-1721 Series
Seiko Instruments Inc.
7
2.
Function list of product type
Table
1
Product Type
ON/OFF Logic
Pull-up Resistor
Pull-down Resistor
A type
1ch Active “H”
2ch Active “H”
1ch None
2ch None
1ch Available
2ch Available
B type
1ch Active “H”
2ch Active “L”
1ch None
2ch Available
1ch Available
2ch None
C type
1ch Active “L”
2ch Active “H”
1ch Available
2ch None
1ch None
2ch Available
D type
1ch Active “L”
2ch Active “L”
1ch Available
2ch Available
1ch None
2ch None
E type
1ch Active “H”
2ch Active “H”
1ch None
2ch None
1ch None
2ch None
F type
1ch Active “H”
2ch Active “L”
1ch None
2ch None
1ch None
2ch None
G type
1ch Active “L”
2ch Active “H”
1ch None
2ch None
1ch None
2ch None
H type
1ch Active “L”
2ch Active “L”
1ch None
2ch None
1ch None
2ch None
3.
Package
Drawing Code
Package Name
Package
Tape
Reel
Land
SNT-6A
PG006-A-P-SD
PG006-A-C-SD
PG006-A-R-SD
PG006-A-L-SD
SOT-23-6
MP006-A-P-SD
MP006-A-C-SD
MP006-A-R-SD
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com