Electronic Components Datasheet Search
  English  ▼

X  

S1721 Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # S1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1721 Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S1721 Datasheet HTML 19Page - Seiko Instruments Inc S1721 Datasheet HTML 20Page - Seiko Instruments Inc S1721 Datasheet HTML 21Page - Seiko Instruments Inc S1721 Datasheet HTML 22Page - Seiko Instruments Inc S1721 Datasheet HTML 23Page - Seiko Instruments Inc S1721 Datasheet HTML 24Page - Seiko Instruments Inc S1721 Datasheet HTML 25Page - Seiko Instruments Inc S1721 Datasheet HTML 26Page - Seiko Instruments Inc S1721 Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.0_00
S-1721 Series
Seiko Instruments Inc.
23
4. Overcurrent protector
The S-1721 Series has a built-in overcurrent protector having the characteristics shown in (1) Output Voltage vs.
Output Current (Ta = 25
°C) in “ Characteristics (Typical Data) (Per Circuit)” to protect the output transistor
against an excessive output current and short circuiting between the VOUT and VSS pin.
The current (Ishort) when the output pin is short-circuited is internally set at approximately 150 mA (Typ.), and the
initial value is restored for the output voltage, if releasing a short circuit once.
Caution
Note that the overcurrent protect circuit does not provide a thermal protection function, therefore
pay attention to the conditions of input voltage and load current so that the IC’s loss under the
usage conditions, including the short circuit conditions, does not exceed the package power
dissipation if the condition in which a short circuiting or large current state (150 mA or more)
continues for a long time.
5. Pull-down/pull-up resistor (S-1721 Series A, B, C, and D types)
In the S-1721 Series A, B, C, and D types, the ON/OFF pin is internally pulled up to VIN or pulled down to VSS, so
the VOUT pin is in the VSS level when in the floating status.
In A/B (1ch only) and C (2ch only), the ON/OFF pin is connected to VIN,
In B (2ch only)/C (1ch only)/D type, the ON/OFF pin is connected to VSS;
Note that during operation in these cases, the current consumption of the IC is generated as much as the current
which flows into a pull-up resistor of 2.6 M
Ω or a pull-down resistor of 2.6 MΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com