Electronic Components Datasheet Search
  English  ▼

X  

S1721 Datasheet(PDF) 19 Page - Seiko Instruments Inc

Part # S1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1721 Datasheet(HTML) 19 Page - Seiko Instruments Inc

Back Button S1721 Datasheet HTML 15Page - Seiko Instruments Inc S1721 Datasheet HTML 16Page - Seiko Instruments Inc S1721 Datasheet HTML 17Page - Seiko Instruments Inc S1721 Datasheet HTML 18Page - Seiko Instruments Inc S1721 Datasheet HTML 19Page - Seiko Instruments Inc S1721 Datasheet HTML 20Page - Seiko Instruments Inc S1721 Datasheet HTML 21Page - Seiko Instruments Inc S1721 Datasheet HTML 22Page - Seiko Instruments Inc S1721 Datasheet HTML 23Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.0_00
S-1721 Series
Seiko Instruments Inc.
19
Explanation of Terms
1. Low dropout voltage regulator
This IC’s voltage regulator has the low dropout voltage due to its built-in low on-resistance transistor.
2. Output voltage (VOUT)
The accuracy of the output voltage is ensured at
±1.0% under the specified conditions of fixed input voltage*1, fixed
output current, and fixed temperature.
*1.
Differs depending on the product.
Caution
If the above conditions change, the output voltage value may vary and exceed the accuracy
range of the output voltage. See “
Electrical Characteristics” and “
Characteristics (Typical
Data) (Per Circuit)” for details.
3. Line regulation
Indicates the dependency of the output voltage on the input voltage. That is, the values show how much the output
voltage changes due to a change in the input voltage with the output current remaining unchanged.
4. Load regulation (
ΔV
OUT2)
Indicates the dependency of the output voltage on the output current. That is, the values show how much the output
voltage changes due to a change in the output current with the input voltage remaining unchanged.
5. Dropout voltage (Vdrop)
Indicates the difference between input voltage VIN and the output voltage when; decreasing input voltage VIN
gradually until the output voltage has dropped out to the value of 98% of output voltage VOUT3, which is at VIN =
VOUT(S) + 1.0 V.
Vdrop = VIN1 − (VOUT3 × 0.98)
ΔV
OUT1
ΔV
IN •VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com