Electronic Components Datasheet Search
  English  ▼

X  

S816 Datasheet(PDF) 19 Page - Seiko Instruments Inc

Part # S816
Description  EXTERNAL TRANSISTOR TYPE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S816 Datasheet(HTML) 19 Page - Seiko Instruments Inc

Back Button S816 Datasheet HTML 15Page - Seiko Instruments Inc S816 Datasheet HTML 16Page - Seiko Instruments Inc S816 Datasheet HTML 17Page - Seiko Instruments Inc S816 Datasheet HTML 18Page - Seiko Instruments Inc S816 Datasheet HTML 19Page - Seiko Instruments Inc S816 Datasheet HTML 20Page - Seiko Instruments Inc S816 Datasheet HTML 21Page - Seiko Instruments Inc S816 Datasheet HTML 22Page - Seiko Instruments Inc S816 Datasheet HTML 23Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_00
S-816 Series
Seiko Instruments Inc.
19
Transient Response Characteristics (Typical Data)
1. Input Transient Response Characteristics (Power-on VIN
=0 V → VOUT+1 V, IOUT=0 A, CL=10 μF)
S-816A30AMC (VIN
=0 V → 4 V)
4 V
VIN
(2 V/div)
0 V
VOUT
(2 V/div)
0 V
t (100
μs/div)
S-816A50AMC (VIN
=0 V → 6 V)
6 V
VIN
(2 V/div)
0 V
VOUT
(2 V/div)
0 V
t (100
μs/div)
2. Input Transient Response Characteristics (Supply voltage variation VIN
=VOUT+1 V ↔ VOUT+2 V, CL=10 μF)
S-816A30AMC (IOUT
=10 mA)
5 V
VIN
(0.5 V/div)
4 V
VOUT
(20 mV/div)
3 V
t (100
μs/div)
S-816A30AMC (IOUT
=300 mA)
5 V
VIN
(0.5 V/div)
4 V
VOUT
(20 mV/div)
3 V
t (100
μs/div)
S-816A50AMC (IOUT
=10 mA)
7 V
VIN
(0.5 V/div)
6 V
VOUT
(20 mV/div)
5 V
t (100
μs/div)
S-816A50AMC (IOUT
=300 mA)
7 V
VIN
(0.5 V/div)
6 V
VOUT
(20 mV/div)
5 V
t (100
μs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com