Electronic Components Datasheet Search
  English  ▼

X  

S816 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S816
Description  EXTERNAL TRANSISTOR TYPE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S816 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S816 Datasheet HTML 1Page - Seiko Instruments Inc S816 Datasheet HTML 2Page - Seiko Instruments Inc S816 Datasheet HTML 3Page - Seiko Instruments Inc S816 Datasheet HTML 4Page - Seiko Instruments Inc S816 Datasheet HTML 5Page - Seiko Instruments Inc S816 Datasheet HTML 6Page - Seiko Instruments Inc S816 Datasheet HTML 7Page - Seiko Instruments Inc S816 Datasheet HTML 8Page - Seiko Instruments Inc S816 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
S-816 Series
www.sii-ic.com
EXTERNAL TRANSISTOR TYPE
CMOS VOLTAGE REGULATOR
© Seiko Instruments Inc., 1996-2014
Rev.6.1_00
Seiko Instruments Inc.
1
The S-816 Series, developed using the CMOS technology, is an external transistor type positive voltage
regulator which incorporates an overcurrent protection circuit and an ON/OFF circuit. A low drop-out type
regulator with an output current ranging from several hundreds of mA to 1 A can be configured with the PNP
transistor driven by this IC.
Despite the features of the S-816 Series, which is low current consumption, the improvement in its transient
response characteristics of the IC with a newly deviced phase compensation circuit made it possible to employ
the products of the S-816 Series even in applications where heavy input variation or load variation is
experienced.
The S-816 Series regulator serves as an ideal power supply unit for portable devices when coupled with the
small SOT-23-5 package, providing numerous outstanding features, including low current consumption. Since
the S-816 Series can accommodate an input voltage of up to 16 V, it is also suitable when operating via an AC
adapter.
Features
• Output voltage:
2.5 V to 6.0 V, selectable in 0.1 V step
• Input voltage:
16 V max.
• Output voltage accuracy:
± 2.0%
• Current consumption:
During operation:
30
μA typ., 40 μA max.
During power-off:
1
μA max.
• Built-in overcurrent (base current) protection circuit
• Built-in ON/OFF circuit:
Ensures long battery life.
• Built-in current source (10 μA):
No need for a base-emitter resistance.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free, Sn 100%, halogen-free
*1
*1. Refer to “ Product Name Structure” for details.
Applications
• Power supply for on-board such as battery device for portable telephone, electronic notebook, PDA
• Constant voltage power supply for camera, video equipment and portable communication equipment
• Power supply for CPU
• Post-regulator for switching regulator
• Main regulator in multiple-power supply system
Package
• SOT-23-5


Similar Part No. - S816

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
S816USOWA-S530-A3 EVERLIGHT-S816USOWA-S530-A3 Datasheet
125Kb / 6P
Technical Data Sheet 0.8" Single Digit Displays
More results

Similar Description - S816

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78BC00 MOTOROLA-MC78BC00 Datasheet
98Kb / 8P
VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF Datasheet
134Kb / 12P
LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
RN5RG RICOH-RN5RG Datasheet
125Kb / 11P
VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
logo
Murata Manufacturing Co...
PKM13EPY MURATA-PKM13EPY Datasheet
269Kb / 13P
Piezoelectric Sounders External Drive Pin Type
logo
Torex Semiconductor
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
Voltage Detector with External Delay Type Capacitor
logo
Seiko Instruments Inc
S-816 SII-S-816 Datasheet
645Kb / 24P
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
logo
ALPS ELECTRIC CO.,LTD.
SSAC ALPS-SSAC Datasheet
257Kb / 3P
1.5mm-travel, with External Knob Type
logo
SUYIN USA, INC.
200220FD SUYIN-USA-200220FD Datasheet
152Kb / 1P
2.0mm PITCH SOCKET CENTRONIC TYPE FOR EXTERNAL H.D.D SIDE
logo
ALPS ELECTRIC CO.,LTD.
SSAC ALPS-SSAC_15 Datasheet
870Kb / 4P
1.5mm-travel, with External Knob Type
logo
ABLIC Inc.
S-816 ABLIC-S-816 Datasheet
662Kb / 24P
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com