Electronic Components Datasheet Search
  English  ▼

X  

S816 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S816
Description  EXTERNAL TRANSISTOR TYPE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S816 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S816 Datasheet HTML 2Page - Seiko Instruments Inc S816 Datasheet HTML 3Page - Seiko Instruments Inc S816 Datasheet HTML 4Page - Seiko Instruments Inc S816 Datasheet HTML 5Page - Seiko Instruments Inc S816 Datasheet HTML 6Page - Seiko Instruments Inc S816 Datasheet HTML 7Page - Seiko Instruments Inc S816 Datasheet HTML 8Page - Seiko Instruments Inc S816 Datasheet HTML 9Page - Seiko Instruments Inc S816 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
S-816 Series
Rev.6.1_00
6
Seiko Instruments Inc.
Electrical Characteristics
Table 4
(Ta
=25°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
circuit
Input Voltage
VIN
⎯
⎯
⎯
16
V
1
Output Voltage
VOUT
VIN
=VOUT +1 V, IOUT =50 mA,
VON/OFF
="H"
VOUT
×0.98
VOUT
VOUT
×1.02
V
1
Maximum Output Current (PNP
Output)
*1
⎯
⎯
⎯
1
⎯
A
1
Drop-Out Voltage
*1
ΔVdrop
IOUT
=100 mA
⎯
100
⎯
mV
1
Load Regulation (PNP Output)
*1
ΔVOUT
VIN
=VOUT +1 V, 1 mA < IOUT < 1 A
⎯
⎯
60
mV
1
Line Regulation (PNP Output)
*1
IN
OUT
OUT
V
V
V
Δ
•
Δ
IOUT
=50 mA, VOUT +1 V < VIN < 16
V
−0.15
0.01
0.15
%/V
1
Output Voltage Temperature
Coefficient
Ta
VOUT
Δ
Δ
VIN
=VOUT +1 V, IOUT =50 mA,
VON/OFF
="H", Ta=−40 to 85°C
⎯
±0.15
⎯
mV/
°C 1
Current Consumption during
Operation
ISS
VIN
=VOUT +1 V, VON/OFF ="H"
⎯
30
40
μA
1
Current Consumption during
Power-off
ISTB
VIN
=16 V, VON/OFF ="L"
⎯
⎯
1
μA
1
EXT Output Source Constant
Current
ISRC
VIN
=VOUT +1 V, VON/OFF ="H",
VEXT
=VOUT, VOUT =VOUT ×0.95
⎯
−10
⎯
μA
2
EXT Output Pull-Up Resistance
RUP
VIN
=16 V, VON/OFF ="L"
0.25
0.50
1.00
M
Ω
2
EXT Output Sink Current
ISINK
VIN
=VOUT +1 V, VON/OFF ="H",
VOUT
=VOUT ×0.95
⎯
10
⎯
mA
2
Leakage Current during EXT
Output Off
IOFF
VIN
=VEXT =VOUT +1 V, VOUT =0 V,
VON/OFF
="L"
⎯
⎯
0.1
μA
2
EXT Output Sink Overcurrent
Set Value
IMAX
VIN
=VEXT =7 V, VON/OFF ="H",
VOUT
=VOUT ×0.95
12
16
20
mA
2
ON/OFF Pin Input Voltage
VSH
VIN
=VOUT +1 V, VOUT =0 V,
Check VEXT
="L"
2.4
⎯
⎯
V
3
VSL
VIN
=VOUT +1 V, VOUT =0 V,
Check VEXT
="H"
⎯
⎯
0.3
ON/OFF Pin Input Current
ISH
VON/OFF
=VOUT +1 V
⎯
⎯
0.1
μA
2
ISL
VON/OFF
=0 V
⎯
⎯
−0.1
*1.
The characteristics vary with the associated external components.
The characteristics given above are those obtained when the IC is combined with A TOSHIBA Semiconductor &
Storage Products Company 2SA1213-Y for the PNP transistor and a 10
μF tantalum capacitor for the output
capacitor (CL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com