Electronic Components Datasheet Search
  English  ▼

X  

S816 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S816
Description  EXTERNAL TRANSISTOR TYPE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S816 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S816 Datasheet HTML 4Page - Seiko Instruments Inc S816 Datasheet HTML 5Page - Seiko Instruments Inc S816 Datasheet HTML 6Page - Seiko Instruments Inc S816 Datasheet HTML 7Page - Seiko Instruments Inc S816 Datasheet HTML 8Page - Seiko Instruments Inc S816 Datasheet HTML 9Page - Seiko Instruments Inc S816 Datasheet HTML 10Page - Seiko Instruments Inc S816 Datasheet HTML 11Page - Seiko Instruments Inc S816 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
S-816 Series
Rev.6.1_00
8
Seiko Instruments Inc.
Operation
1. Basic Operation
Figure 7 shows the block diagram of the S-816 Series.
The error amplifier compares the reference voltage (Vref) with feedback voltage (Vfb), which is the output
voltage resistance-divided by feedback resistors (RA and RB). It maintains a constant output voltage that
is not susceptible to an input voltage variation or temperature variation to regulate the base current of the
external PNP transistor.
EXT
VOUT
VSS
VIN
Vref
Current Source
Overcurrent
Protection
Circuit
Pull-Up
Reisitance
Error
Amplifier
Sink
Driver
+
−
+
−
ON/OFF
IN
OUT
RA
RB
Vfb
CL
Remark The diode inside the IC is a parasitic diode.
Figure 7
2. Internal Circuits
2.1. ON/OFF Pin
This pin starts and stops the regulator.
When the ON/OFF pin is set to OFF level, the entire internal circuits stop operating, and the VIN voltage
appears through the EXT pin, prodding the external PNP transistor to off, reducing current consumption
significantly. In this condition, the EXT pin is pulled up to VIN by a pull-up resistance (approx. 0.5 M
Ω)
inside the IC in order to ensure you power cut off of the external PNP transistor.
The ON/OFF pin is configured as shown in Figure 8. Since neither pull-up or pull-down is performed
internally, please avoid using the pin in a floating state. Also, be sure to refrain from applying a voltage of
0.3 V to 2.4 V to this pin lest the current consumption increase. When this ON/OFF pin is not used, leave
it coupled to the VIN pin.
Table 5
VIN
VSS
ON/OFF
ON/OFF Pin
Internal Circuit
EXT Pin Voltage
VOUT Pin Voltage
"H": ON
Operate
VIN
−VBE
Set value
"L": OFF
Stop
VIN
Hi-Z
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com