Electronic Components Datasheet Search
  English  ▼

X  

S816 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S816
Description  EXTERNAL TRANSISTOR TYPE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S816 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S816 Datasheet HTML 13Page - Seiko Instruments Inc S816 Datasheet HTML 14Page - Seiko Instruments Inc S816 Datasheet HTML 15Page - Seiko Instruments Inc S816 Datasheet HTML 16Page - Seiko Instruments Inc S816 Datasheet HTML 17Page - Seiko Instruments Inc S816 Datasheet HTML 18Page - Seiko Instruments Inc S816 Datasheet HTML 19Page - Seiko Instruments Inc S816 Datasheet HTML 20Page - Seiko Instruments Inc S816 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_00
S-816 Series
Seiko Instruments Inc.
17
3. Temperature (Ta) - Output Voltage (VOUT)
Ta-VOUT
S-816A30AMC (VIN
=4 V, IOUT=50 mA)
Ta-VOUT
S-816A50AMC (VIN
=6 V, IOUT=50 mA)
3.10
3.08
3.06
3.04
3.02
3.00
2.98
2.96
2.94
2.92
2.90
−50
−25
0
25
50
75
100
Ta (
°C)
VOUT
(V)
5.10
5.08
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
−50
−25
0
25
50
75
100
Ta (
°C)
VOUT
(V)
4. Input Voltage (VIN) - Current Consumption (ISS)
VIN-ISS
S-816A30AMC (VON/OFF
="H")
Ta
=−40°C
Ta
=85°C
Ta
=25°C
50
45
40
35
30
25
20
15
10
5
0
0
2
4
6
8
10
12
14
16
VIN (V)
ISS
(
μA)
5. Input Voltage (VIN) - EXT Output Sink Overcurrent Set Value (IMAX)
VIN-IMAX
S-816A30AMC
Ta
=−40°C
Ta
=85°C
Ta
=25°C
22
20
18
16
14
12
10
4
6
8
10
12
14
16
VIN (V)
IMAX
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com