Electronic Components Datasheet Search
  English  ▼

X  

S816 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S816
Description  EXTERNAL TRANSISTOR TYPE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S816 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S816 Datasheet HTML 8Page - Seiko Instruments Inc S816 Datasheet HTML 9Page - Seiko Instruments Inc S816 Datasheet HTML 10Page - Seiko Instruments Inc S816 Datasheet HTML 11Page - Seiko Instruments Inc S816 Datasheet HTML 12Page - Seiko Instruments Inc S816 Datasheet HTML 13Page - Seiko Instruments Inc S816 Datasheet HTML 14Page - Seiko Instruments Inc S816 Datasheet HTML 15Page - Seiko Instruments Inc S816 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
S-816 Series
Rev.6.1_00
12
Seiko Instruments Inc.
Precautions
• The overcurrent protection function of this IC detects and limits the sink current at the EXT pin inside the
IC. Therefore, it does not work on collector overcurrents which are caused by an EXT-GND short-
circuiting or other phenomenon outside the IC. To protect the external PNP transistor from collector
overcurrents perfectly, it is necessary to provide another external overcurrent protection circuit.
• This IC performs phase compensation by using an internal phase compensator circuit and the ESR of an
output capacitor. Therefore, always place a capacitor of 4.7
μF or more between VOUT and VSS.
A tantalum type capacitor is recommended for this purpose. Moreover, to secure stable operation of the
S-816 Series, it will be necessary to employ a capacitor having an ESR (Equivalent Series Resistance)
covered in a certain optimum range (0.1
Ω to 5 Ω). Whether an ESR is larger or smaller than that
optimum range, this could result in an unstable output, and cause a possibility of oscillations. Select a
capacitor through careful evaluation made according to the actual service conditions.
• Overshoot may occur in the output voltage momentarily if the voltage is rapidly raised at power-on or
when the power supply fluctuates. Sufficiently evaluate the output voltage at power-on with the actual
device.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in
electrostatic protection circuit.
• Make sure that the power dissipation inside the IC due to the EXT output sink current (especially at a high
temperature) will not surpass the power dissipation of the package.
• SII claims no responsibility for any disputes arising out of or in connection with any infringement by
products including this IC of patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com