Electronic Components Datasheet Search
  English  ▼

X  

S816 Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S816
Description  EXTERNAL TRANSISTOR TYPE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S816 Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S816 Datasheet HTML 10Page - Seiko Instruments Inc S816 Datasheet HTML 11Page - Seiko Instruments Inc S816 Datasheet HTML 12Page - Seiko Instruments Inc S816 Datasheet HTML 13Page - Seiko Instruments Inc S816 Datasheet HTML 14Page - Seiko Instruments Inc S816 Datasheet HTML 15Page - Seiko Instruments Inc S816 Datasheet HTML 16Page - Seiko Instruments Inc S816 Datasheet HTML 17Page - Seiko Instruments Inc S816 Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
S-816 Series
Rev.6.1_00
14
Seiko Instruments Inc.
The detection of the overcurrent is done by the sense resistance (RS) and the PNP transistor (Tr1).
When Tr1 comes on, triggered by a voltage drop of RS, the NPN transistor (Tr2) also comes on, according
to the time constants of the capacitor (C2) and resistance (R2). This causes the ON/OFF pin to turn to
OFF level, and the regulating operation to stop, and interrupting the current to the load.
When the load current is cut off, the voltage drop of RS stops. This makes Tr1 off again, and also makes
the NPN transistor (Tr2) off.
In this condition, the ON/OFF pin returns to ON level, according to the time constants of the capacitor (C1)
and resistance (R1). This delay time in which ON/OFF pin returns to ON level from OFF level is the time
in which the load current remains cut off.
If an overcurrent flows again after the ON/OFF pin has assumed ON level following the delay time and
the regulating operation has been restarted, the circuit will again suspend the regulating operation and
resume the intermittent operation. This intermittent operation will be continued till the overcurrentt is
eliminated, and once the overcurrent disappears, the normal operation will be restored.
The overcurrent detection value (IOUT_MAX) is represented by the following equation:
IOUT_MAX
= |VBE1| / RS
In this case, RS denotes the resistance value of the sense resistance, and VBE1 denotes the base-emitter
saturation voltage of Tr1.
For the PNP transistor (Tr1) and the NPN transistor (Tr2), try to select those of small-signal type that offer
a sufficient withstand voltage against the input voltage (VIN).
The on-time (tON) and the off-time (tOFF) of the intermittent operation are broadly expressed by the
following equations:
tON
= −1 × C2 × R2 × LN ( 1 − ( VBE2 × ( 1 + R2 / R3 ) ) / ( VIN − VBE1 ) )
tOFF
= −1 × C1 × R1 × LN ( 1 − VSH / VIN )
In this case, VBE2 denotes the base-emitter saturation voltage of Tr2, VIN denotes the input voltage, and
VSH denotes the inversion voltage ("L"
→"H") of the
OFF
ON/
pin.
Set the on-time value that does not cause the overcurrent protection to be activated by a rush current to
the load capacitor. Then, compute the ratio between the on-time and the off-time from the maximum
input voltage of the appropriate application and the power dissipation of the external PNP transistor, and
decide the off-time with reference to the on-time established earlier.
Take the equation above as a rough guide, because the actual on-time (tON) and off-time (tOFF) should be
defined and checked using the utilizing components.
2. External Adjustment of Output Voltage
The S-816 Series allows you to adjust the output voltage or to set its value over the output voltage range
(6 V) of the products of this series, when external resistances RA, RB and capacitor CC are added, as
illustrated in Figure 13. Moreover, a temperature gradient can be obtained by inserting a thermistor or
other element in series with external resistances RA and RB.
VIN
CIN
+
−
CL
ON/OFF
VIN
EXT
+
−
VOUT
VSS
OUT
+
−
CC
RA
RB
R1
R2
Error
amplifier
Vref
Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com