Electronic Components Datasheet Search
  English  ▼

X  

S816 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S816
Description  EXTERNAL TRANSISTOR TYPE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S816 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S816 Datasheet HTML 1Page - Seiko Instruments Inc S816 Datasheet HTML 2Page - Seiko Instruments Inc S816 Datasheet HTML 3Page - Seiko Instruments Inc S816 Datasheet HTML 4Page - Seiko Instruments Inc S816 Datasheet HTML 5Page - Seiko Instruments Inc S816 Datasheet HTML 6Page - Seiko Instruments Inc S816 Datasheet HTML 7Page - Seiko Instruments Inc S816 Datasheet HTML 8Page - Seiko Instruments Inc S816 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_00
S-816 Series
Seiko Instruments Inc.
3
Product Name Structure
1. Product Name
S-816A xx A MC - xxx T2 x
Environmental code
U :
Lead-free (Sn 100%), halogen-free
G :
Lead-free (for details, please contact
our sales office)
IC direction in tape specifications
*1
Product code
Package code
MC : SOT-23-5
Output voltage
25 to 60
(e.g., when the output voltage is 2.5 V, it is expressed as 25.)
*1. Refer to the tape drawing.
2. Package
Package Name
Drawing Code
Package
Tape
Reel
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
3. Product Name List
Table 1
Output Voltage
(V)
Product Name
Output Voltage
(V)
Product Name
2.5 V
±2.0%
S-816A25AMC-BAAT2x
4.3 V
±2.0%
S-816A43AMC-BAST2x
2.6 V
±2.0%
S-816A26AMC-BABT2x
4.4 V
±2.0%
S-816A44AMC-BATT2x
2.7 V
±2.0%
S-816A27AMC-BACT2x
4.5 V
±2.0%
S-816A45AMC-BAUT2x
2.8 V
±2.0%
S-816A28AMC-BADT2x
4.6 V
±2.0%
S-816A46AMC-BAVT2x
2.9 V
±2.0%
S-816A29AMC-BAET2x
4.7 V
±2.0%
S-816A47AMC-BAWT2x
3.0 V
±2.0%
S-816A30AMC-BAFT2x
4.8 V
±2.0%
S-816A48AMC-BAXT2x
3.1 V
±2.0%
S-816A31AMC-BAGT2x
4.9 V
±2.0%
S-816A49AMC-BAYT2x
3.2 V
±2.0%
S-816A32AMC-BAHT2x
5.0 V
±2.0%
S-816A50AMC-BAZT2x
3.3 V
±2.0%
S-816A33AMC-BAIT2x
5.1 V
±2.0%
S-816A51AMC-BBAT2x
3.4 V
±2.0%
S-816A34AMC-BAJT2x
5.2 V
±2.0%
S-816A52AMC-BBBT2x
3.5 V
±2.0%
S-816A35AMC-BAKT2x
5.3 V
±2.0%
S-816A53AMC-BBCT2x
3.6 V
±2.0%
S-816A36AMC-BALT2x
5.4 V
±2.0%
S-816A54AMC-BBDT2x
3.7 V
±2.0%
S-816A37AMC-BAMT2x
5.5 V
±2.0%
S-816A55AMC-BBET2x
3.8 V
±2.0%
S-816A38AMC-BANT2x
5.6 V
±2.0%
S-816A56AMC-BBFT2x
3.9 V
±2.0%
S-816A39AMC-BAOT2x
5.7 V
±2.0%
S-816A57AMC-BBGT2x
4.0 V
±2.0%
S-816A40AMC-BAPT2x
5.8 V
±2.0%
S-816A58AMC-BBHT2x
4.1 V
±2.0%
S-816A41AMC-BAQT2x
5.9 V
±2.0%
S-816A59AMC-BBIT2x
4.2 V
±2.0%
S-816A42AMC-BART2x
6.0 V
±2.0%
S-816A60AMC-BBJT2x
Remark 1. x: G or U
2. Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com