Electronic Components Datasheet Search
  English  ▼

X  

S816 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S816
Description  EXTERNAL TRANSISTOR TYPE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S816 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S816 Datasheet HTML 1Page - Seiko Instruments Inc S816 Datasheet HTML 2Page - Seiko Instruments Inc S816 Datasheet HTML 3Page - Seiko Instruments Inc S816 Datasheet HTML 4Page - Seiko Instruments Inc S816 Datasheet HTML 5Page - Seiko Instruments Inc S816 Datasheet HTML 6Page - Seiko Instruments Inc S816 Datasheet HTML 7Page - Seiko Instruments Inc S816 Datasheet HTML 8Page - Seiko Instruments Inc S816 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_00
S-816 Series
Seiko Instruments Inc.
5
Absolute Maximum Ratings
Table 3
(Ta
=25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Ratings
Unit
VIN Pin Voltage
VIN
VSS
−0.3 to VSS+18
V
VOUT Pin Voltage
VOUT
VSS
−0.3 to VSS+18
V
ON/OFF Pin Voltage
VON/OFF
VSS
−0.3 to VSS+18
V
EXT Pin Voltage
VEXT
VSS
−0.3 to VIN+0.3
V
EXT Pin Current
IEXT
50
mA
Power Dissipation
PD
250 (When not mounted on board)
mW
600
*1
mW
Operation Ambient Temperature
Range
Topr
−40 to +85
°C
Storage Temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted on board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product
could suffer physical damage. These values must therefore not be exceeded
under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
600
400
0
Ambient Temperature (Ta) [
°C]
200
100
300
500
700
0
50
100
150
300
200
0
Ambient Temperature (Ta) [
°C]
100
250
150
50
Figure 3 Power Dissipation of Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com