Electronic Components Datasheet Search
  English  ▼

X  

S816 Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S816
Description  EXTERNAL TRANSISTOR TYPE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S816 Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S816 Datasheet HTML 12Page - Seiko Instruments Inc S816 Datasheet HTML 13Page - Seiko Instruments Inc S816 Datasheet HTML 14Page - Seiko Instruments Inc S816 Datasheet HTML 15Page - Seiko Instruments Inc S816 Datasheet HTML 16Page - Seiko Instruments Inc S816 Datasheet HTML 17Page - Seiko Instruments Inc S816 Datasheet HTML 18Page - Seiko Instruments Inc S816 Datasheet HTML 19Page - Seiko Instruments Inc S816 Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
S-816 Series
Rev.6.1_00
16
Seiko Instruments Inc.
Characteristics (Typical Data)
1. Input Voltage (VIN) - Output Voltage (VOUT)
VIN-VOUT
S-816A30AMC (IOUT
=50 mA)
VIN-VOUT
S-816A50AMC (IOUT
=50 mA)
Ta
=−40°C
Ta
=85°C
Ta
=25°C
3.10
3.08
3.06
3.04
3.02
3.00
2.98
2.96
2.94
2.92
2.90
2
4
6
8
10
12
14
16
VIN (V)
VOUT
(V)
Ta
=85°C
Ta
=−40°C
Ta
=25°C
5.10
5.08
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
2
4
6
8
10
12
14
16
VIN (V)
VOUT
(V)
VIN-VOUT
S-816A30AMC (Ta
=25°C)
VIN-VOUT
S-816A50AMC (Ta
=25°C)
IOUT
=1 mA
IOUT
=100 mA
IOUT
=500 mA
IOUT
=1 A
3.10
3.05
3.00
2.95
2.90
2.85
2.80
2.8
2.9 3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
VIN (V)
VOUT
(V)
IOUT
=1A
IOUT
=1 mA
IOUT
=100 mA
IOUT
=500 mA
5.10
5.05
5.00
4.95
4.90
4.85
4.80
4.8
4.9 5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
VIN (V)
VOUT
(V)
2. Output Current (IOUT) - Output Voltage (VOUT)
IOUT-VOUT
S-816A30AMC (VIN
=4 V)
IOUT-VOUT
S-816A50AMC (VIN
=6 V)
Ta
=85°C
Ta
=25°C
Ta
=−40°C
3.10
3.08
3.06
3.04
3.02
3.00
2.98
2.96
2.94
2.92
2.90
1
10
100
1000
IOUT (mA)
VOUT
(V)
Ta
=25°C
Ta
=85°C
Ta
=−40°C
5.10
5.08
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
1
10
100
1000
IOUT (mA)
VOUT
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com