Electronic Components Datasheet Search
  English  ▼

X  

S13D1 Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # S13D1
Description  SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S13D1 Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S13D1 Datasheet HTML 19Page - Seiko Instruments Inc S13D1 Datasheet HTML 20Page - Seiko Instruments Inc S13D1 Datasheet HTML 21Page - Seiko Instruments Inc S13D1 Datasheet HTML 22Page - Seiko Instruments Inc S13D1 Datasheet HTML 23Page - Seiko Instruments Inc S13D1 Datasheet HTML 24Page - Seiko Instruments Inc S13D1 Datasheet HTML 25Page - Seiko Instruments Inc S13D1 Datasheet HTML 26Page - Seiko Instruments Inc S13D1 Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
S-13D1 Series
Seiko Instruments Inc.
23
8. Delay function (S-13D1 Series C / F type)
C / F type in the S-13D1 Series has a built-in delay function that sets the difference of rising time between
channels. If the ON / OFF1 pin and the ON / OFF2 pin are set to ON simultaneously, VOUT2 pin voltage rises after
the delay time (tDELAY = 100
μs typ.).
tDELAY =
100
μs typ.
50% of the set output voltage
ON / OFF1, ON / OFF2
VOUT1
VOUT2
50% of the set output voltage
Figure 28
8. 1 In case ON / OFF2 pin is set to ON later
The VOUT1 pin voltage rises simultaneously when the ON / OFF1 pin is set to ON. After the ON / OFF2 pin is
set to ON, VOUT2 pin voltage rises in 100
μs typ.
100
μs typ.
ON / OFF2
VOUT1
VOUT2
ON / OFF1
Figure 29
8. 2 In case ON / OFF2 pin is set to ON previously
VOUT2 pin voltage does no rise even if the ON / OFF2 pin is set to ON. VOUT1 pin voltage rises if the ON /
OFF1 pin is set to ON. After VOUT1 pin voltage rises, VOUT2 pin voltage rises in 100
μs typ.
100
μs typ.
ON / OFF1
VOUT1
VOUT2
ON / OFF2
Current comsumption
< 10 μA
Figure 30
Caution
Note that the current consumption of less than 10
μA flows during the time period from when
the ON / OFF2 pin is set to ON until the ON / OFF1 pin is set to ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com