Electronic Components Datasheet Search
  English  ▼

X  

S13D1 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S13D1
Description  SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S13D1 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S13D1 Datasheet HTML 8Page - Seiko Instruments Inc S13D1 Datasheet HTML 9Page - Seiko Instruments Inc S13D1 Datasheet HTML 10Page - Seiko Instruments Inc S13D1 Datasheet HTML 11Page - Seiko Instruments Inc S13D1 Datasheet HTML 12Page - Seiko Instruments Inc S13D1 Datasheet HTML 13Page - Seiko Instruments Inc S13D1 Datasheet HTML 14Page - Seiko Instruments Inc S13D1 Datasheet HTML 15Page - Seiko Instruments Inc S13D1 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-13D1 Series
Rev.1.3_00
Seiko Instruments Inc.
12
Table 10 (2 / 2)
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Thermal shutdown
detection temperature
TSD
Junction temperature
−
160
−
°C
−
Thermal shutdown
release temperature
TSR
Junction temperature
−
130
−
°C
−
"L" output Nch
ON-resistance
(With discharge shunt
function)
RLOW
VIN = 5.5 V,
VOUT = 0.1 V
VOUT2 pin of C / F type
(with delay function)
−
12
−
Ω
4, 5
VOUT1 pin of C / F type
(with delay function)
B / E type
(without delay function)
−
50
−
Ω
4, 5
Delay time
*6
(C / F type only)
tDELAY
VIN
≥ VOUT(S) + 1.0 V, ON / OFF1 pin and
ON / OFF2 pin are set to ON simultaneously,
RL = 1.0 k
Ω, CL1, CL2 = 0.22 μF
50
100
−
μs
10
*1.
VOUT(S): Set output voltage
VOUT(E): Actual output voltage
Output voltage when fixing IOUT (= 30 mA) and inputting VOUT(S)
+ 1.0 V
*2.
The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3.
Vdrop = VIN1
− (VOUT3 × 0.98)
VOUT3 is the output voltage when VIN = VOUT(S)
+ 1.0 V and IOUT = 100 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input
voltage.
*4.
A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
ΔVOUT
ΔTa []
mV/°C
*1 = V
OUT(S) []
V
*2 ×
ΔVOUT
ΔTa•VOUT []
ppm/°C
*3 ÷ 1000
*1.
Change in temperature of output voltage
*2.
Set output voltage
*3.
Output voltage temperature coefficient
*5.
The output current can be at least this value.
Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to the
power dissipation of the package when the output current is large.
This specification is guaranteed by design.
*6.
Delay time shows the time period from when VOUT1 pin voltage reaches 50% of the set output voltage until VOUT2 pin
voltage reaches 50% of the set output voltage, when the ON / OFF1 pin and the ON / OFF2 pin are set to ON
simultaneously. Refer to "8. Delay function (S-13D1 Series C / F type)" in " Operation" for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com