Electronic Components Datasheet Search
  English  ▼

X  

S13D1 Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S13D1
Description  SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S13D1 Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S13D1 Datasheet HTML 30Page - Seiko Instruments Inc S13D1 Datasheet HTML 31Page - Seiko Instruments Inc S13D1 Datasheet HTML 32Page - Seiko Instruments Inc S13D1 Datasheet HTML 33Page - Seiko Instruments Inc S13D1 Datasheet HTML 34Page - Seiko Instruments Inc S13D1 Datasheet HTML 35Page - Seiko Instruments Inc S13D1 Datasheet HTML 36Page - Seiko Instruments Inc S13D1 Datasheet HTML 37Page - Seiko Instruments Inc S13D1 Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-13D1 Series
Rev.1.3_00
Seiko Instruments Inc.
34
5. Output capacitance vs. Characteristics of discharge time (Ta =
+25°C)
5. 1 S-13D1 Series B / E type (with discharge shunt function, without delay funciton)
5. 1. 1 VOUT
VIN = VOUT
+ 1.0 V, IOUT = no load,
VON / OFF = VOUT
+ 1.0 V → VSS, tf = 1.0 μs
0
CLn [
μF]
2468
4.0
010
12
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VOUT(S) = 1.0 V
VOUT(S) = 3.6 V
VOUT(S) = 2.5 V
Figure 31
5. 2 S-13D1 Series C / F type (with discharge shunt function, with delay funciton)
5. 2. 1 VOUT1
5. 2. 2 VOUT2
VIN = VOUT1
+ 1.0 V, IOUT1 = no load,
VON / OFF1 = VOUT1
+ 1.0 V → VSS, tf = 1.0 μs
0
CL1 [
μF]
2468
4.0
010
12
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VOUT(S) = 1.0 V
VOUT(S) = 3.6 V
VOUT(S) = 2.5 V
VIN = VOUT2
+ 1.0 V, IOUT2 = no load,
VON / OFF2 = VOUT2
+ 1.0 V → VSS, tf = 1.0 μs
0
CL2 [
μF]
2468
4.0
010
12
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VOUT(S) = 1.0 V
VOUT(S) = 3.6 V
VOUT(S) = 2.5 V
Figure 32
Figure 33
VOUT
VON / OFF
1
μs
tDSC
VOUT
× 10%
VSS
VIN = VOUT
+ 1.0 V
VON / OFF = VOUT
+ 1.0 V → VSS
Figure 34 Measurement Condition of Discharge Time
Remark CLn: Output capacitor set to the VOUTn pin externally (n = 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com