Electronic Components Datasheet Search
  English  ▼

X  

S13D1 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S13D1
Description  SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S13D1 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S13D1 Datasheet HTML 1Page - Seiko Instruments Inc S13D1 Datasheet HTML 2Page - Seiko Instruments Inc S13D1 Datasheet HTML 3Page - Seiko Instruments Inc S13D1 Datasheet HTML 4Page - Seiko Instruments Inc S13D1 Datasheet HTML 5Page - Seiko Instruments Inc S13D1 Datasheet HTML 6Page - Seiko Instruments Inc S13D1 Datasheet HTML 7Page - Seiko Instruments Inc S13D1 Datasheet HTML 8Page - Seiko Instruments Inc S13D1 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
S-13D1 Series
www.sii-ic.com
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
© Seiko Instruments Inc., 2012-2014
Rev.1.3_00
Seiko Instruments Inc.
1
The S-13D1 Series, developed by using the CMOS technology, is a 2-channel positive voltage regulator IC which has low
dropout voltage, high accuracy output voltage and low current consumption.
A 0.22
μF small ceramic capacitor can be used, and the S-13D1 Series includes a load current protection circuit that
prevents the output current from exceeding the current capacity of the output transistor and a thermal shutdown circuit that
prevents damage due to overheating. Also, C / F type in the S-13D1 Series has a built-in delay function that sets the
difference of rising time between channels.
Features
• Output voltage:
1.0 V to 3.6 V, selectable in 0.05 V step
• Input voltage:
1.5 V to 5.5 V
• Output voltage accuracy:
±1.0% (1.0 V to 1.45 V output product : ±15 mV)
• Dropout voltage:
80 mV typ. (2.8 V output product, IOUT = 100 mA)
• Current consumption:
During operation:
39
μA typ., 58 μA max. (per circuit)
During power-off:
0.1
μA typ., 1.0 μA max.
• Output current:
Possible to output 150 mA (VIN
≥ VOUT(S) + 1.0 V)
*1 (per circuit)
• Input and output capacitors:
A ceramic capacitor of 0.22
μF or more can be used.
• Ripple rejection:
70 dB typ. (3.6 V output product, f = 1.0 kHz)
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in thermal shutdown circuit:
Prevents damage caused by heat.
• Built-in ON / OFF circuit:
Ensures long battery life.
• Constant current source pull-down is selectable.
• Discharge shunt function is selectable.
• Delay function is selectable.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Constant-voltage power supply for digital camera
• Constant-voltage power supply for mobile phone
• Constant-voltage power supply for portable equipment
Packages
• SOT-23-6
• HSNT-6 (1212)


Similar Part No. - S13D1

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
S13 YANGJIE-S13 Datasheet
105Kb / 2P
Schottky Rectifier
logo
RFE international
S13 RFE-S13 Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
11-14-2022
logo
Harwin Plc
S13-503 HARWIN-S13-503 Datasheet
59Kb / 1P
1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
logo
List of Unclassifed Man...
S1300 ETC-S1300 Datasheet
1Mb / 16P
POSITION SENSITIVE DETECTOR
logo
Roithner LaserTechnik G...
S1300-5MG-BL ROITHNER-S1300-5MG-BL Datasheet
675Kb / 4P
Un-cooled Laser diode with MQW structure Wide operation temperature range
More results

Similar Description - S13D1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61F TOREX-XC61F Datasheet
196Kb / 12P
Voltage Detectors ( Delay Circuit Built-In)
XC61F TOREX-XC61F_1 Datasheet
740Kb / 12P
Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F_2 Datasheet
674Kb / 14P
Voltage Detectors, Delay Circuit Built-In
logo
Seiko Instruments Inc
S1004 SII-S1004 Datasheet
2Mb / 42P
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-1711 SII-S-1711 Datasheet
2Mb / 44P
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
BUILT-IN DELAY CIRCUIT
S-19101C25H-M5T2U SII-S-19101C25H-M5T2U Datasheet
1Mb / 31P
BUILT-IN DELAY CIRCUIT
S-19100N12H-M5T2U SII-S-19100N12H-M5T2U Datasheet
2Mb / 45P
BUILT-IN DELAY CIRCUIT
S-19100N12A-M5T2U SII-S-19100N12A-M5T2U Datasheet
2Mb / 39P
BUILT-IN DELAY CIRCUIT
S-13D1 SII-S-13D1 Datasheet
2Mb / 45P
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com