Electronic Components Datasheet Search
  English  ▼

X  

S13D1 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S13D1
Description  SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S13D1 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S13D1 Datasheet HTML 1Page - Seiko Instruments Inc S13D1 Datasheet HTML 2Page - Seiko Instruments Inc S13D1 Datasheet HTML 3Page - Seiko Instruments Inc S13D1 Datasheet HTML 4Page - Seiko Instruments Inc S13D1 Datasheet HTML 5Page - Seiko Instruments Inc S13D1 Datasheet HTML 6Page - Seiko Instruments Inc S13D1 Datasheet HTML 7Page - Seiko Instruments Inc S13D1 Datasheet HTML 8Page - Seiko Instruments Inc S13D1 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
S-13D1 Series
Seiko Instruments Inc.
5
Product Name Structure
Users can select the product type, output voltage, and package type for the S-13D1 Series. Refer to "1. Product
name" regarding the contents of product name, "2. Function list of product types" regarding the product type,
"3. Packages" regarding the package drawings, "4. Product name list" regarding details of the product name.
1. Product name
S-13D1 x xx xx - xxxx U 3
Product type
*3
A to F
Package abbreviation and IC packing specifications
*1
M6T1: SOT-23-6, Tape
A6T2: HSNT-6 (1212), Tape
Output voltage of voltage regulator 1
*2
10 to 36
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Output voltage of voltage regulator 2
*2
10 to 36
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
*1.
Refer to the tape drawing.
*2.
If you request the product which has 0.05 V step, contact our sales office.
*3.
Refer to "2. Function list of product types".
2. Function list of product types
Table 1
Product Type
ON / OFF Logic
Discharge Shunt Function
Constant Current Source
Pull-down
Delay Function
A
Active "H"
Unavailable
Available
Unavailable
B
Active "H"
Available
Available
Unavailable
C
Active "H"
Available
Available
Available
D
Active "H"
Unavailable
Unavailable
Unavailable
E
Active "H"
Available
Unavailable
Unavailable
F
Active "H"
Available
Unavailable
Available
3. Packages
Table 2 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-6
MP006-A-P-SD
MP006-A-C-SD
MP006-A-R-SD
−
HSNT-6 (1212)
PM006-A-P-SD
PM006-A-C-SD
PM006-A-R-SD
PM006-A-L-SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com