Electronic Components Datasheet Search
  English  ▼

X  

S13D1 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S13D1
Description  SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S13D1 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S13D1 Datasheet HTML 13Page - Seiko Instruments Inc S13D1 Datasheet HTML 14Page - Seiko Instruments Inc S13D1 Datasheet HTML 15Page - Seiko Instruments Inc S13D1 Datasheet HTML 16Page - Seiko Instruments Inc S13D1 Datasheet HTML 17Page - Seiko Instruments Inc S13D1 Datasheet HTML 18Page - Seiko Instruments Inc S13D1 Datasheet HTML 19Page - Seiko Instruments Inc S13D1 Datasheet HTML 20Page - Seiko Instruments Inc S13D1 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
S-13D1 Series
Seiko Instruments Inc.
17
6. Output voltage temperature coefficient
ΔVOUT
ΔTa•VOUT
The shaded area in Figure 22 is the range where VOUT varies in the operation temperature range when the output
voltage temperature coefficient is
±100 ppm/°C.
VOUT(E)
*1
Example of S-13D1B3333 typ. product
−40
+25
+0.33 mV/°C
VOUT
[V]
*1. VOUT(E) is the value of the output voltage measured at Ta =
+25°C.
+85
Ta [
°C]
−0.33mV/°C
Figure 22
A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
ΔVOUT
ΔTa []
mV/°C
*1 = V
OUT(S) []
V
*2 ×
ΔVOUT
ΔTa•VOUT []
ppm/°C
*3 ÷ 1000
*1. Change in temperature of output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com