Electronic Components Datasheet Search
  English  ▼

X  

S13D1 Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # S13D1
Description  SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S13D1 Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S13D1 Datasheet HTML 25Page - Seiko Instruments Inc S13D1 Datasheet HTML 26Page - Seiko Instruments Inc S13D1 Datasheet HTML 27Page - Seiko Instruments Inc S13D1 Datasheet HTML 28Page - Seiko Instruments Inc S13D1 Datasheet HTML 29Page - Seiko Instruments Inc S13D1 Datasheet HTML 30Page - Seiko Instruments Inc S13D1 Datasheet HTML 31Page - Seiko Instruments Inc S13D1 Datasheet HTML 32Page - Seiko Instruments Inc S13D1 Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
S-13D1 Series
Seiko Instruments Inc.
29
Reference Data (per Circuit)
1. Transient response characteristics when input (Ta =
+25°C)
1. 1 VOUT = 1.0 V
1. 2 VOUT = 2.5 V
IOUT = 30 mA, CIN = CLn = 0.22
μF,
VIN = 2.0 V
↔ 3.0 V, tr = tf = 5.0 μs
−20
80
120
0 20 40 60
100
140
−40
1.14
0.94
4.0
−1.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
−0.5
1.12
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
t [
μs]
VOUT
VIN
IOUT = 30 mA, CLn = 0.22
μF,
VIN = 3.5 V
↔ 4.5 V, tr = tf = 5.0 μs
−20
80
120
0 20 40 60
100
140
−40
2.65
2.45
6.0
1.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
2.63
2.61
2.59
2.57
2.55
2.53
2.51
2.49
2.47
t [
μs]
VOUT
VIN
1. 3 VOUT = 3.6 V
IOUT = 30 mA, CLn = 0.22
μF,
VIN = 4.6 V
↔ 5.5 V, tr = tf = 5.0 μs
−20
80
120
0 20 40 60
100
140
−40
3.75
3.55
6.0
1.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
3.73
3.71
3.69
3.67
3.65
3.63
3.61
3.59
3.57
t [
μs]
VOUT
VIN
Remark CLn: Output capacitor set to the VOUTn pin externally (n = 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com