Electronic Components Datasheet Search
  English  ▼

X  

S13D1 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S13D1
Description  SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S13D1 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S13D1 Datasheet HTML 2Page - Seiko Instruments Inc S13D1 Datasheet HTML 3Page - Seiko Instruments Inc S13D1 Datasheet HTML 4Page - Seiko Instruments Inc S13D1 Datasheet HTML 5Page - Seiko Instruments Inc S13D1 Datasheet HTML 6Page - Seiko Instruments Inc S13D1 Datasheet HTML 7Page - Seiko Instruments Inc S13D1 Datasheet HTML 8Page - Seiko Instruments Inc S13D1 Datasheet HTML 9Page - Seiko Instruments Inc S13D1 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-13D1 Series
Rev.1.3_00
Seiko Instruments Inc.
6
4. Product name list
4. 1 S-13D1 Series B type
ON / OFF logic:
Active "H"
Discharge shunt function:
Available
Constant current source pull-down:
Available
Delay function:
Unavailable
Table 3
Voltage Regulator 1
Output Voltage
Voltage Regulator 2
Output Voltage
SOT-23-6
HSNT-6 (1212)
1.2 V
± 15 mV
1.8 V
± 1.0%
S-13D1B1218-M6T1U3
S-13D1B1218-A6T2U3
1.5 V
± 1.0%
2.8 V
± 1.0%
S-13D1B1528-M6T1U3
S-13D1B1528-A6T2U3
1.8 V
± 1.0%
1.2 V
± 15 mV
S-13D1B1812-M6T1U3
S-13D1B1812-A6T2U3
1.8 V
± 1.0%
1.5 V
± 1.0%
S-13D1B1815-M6T1U3
S-13D1B1815-A6T2U3
1.8 V
± 1.0%
1.8 V
± 1.0%
S-13D1B1818-M6T1U3
S-13D1B1818-A6T2U3
1.8 V
± 1.0%
2.8 V
± 1.0%
S-13D1B1828-M6T1U3
S-13D1B1828-A6T2U3
1.8 V
± 1.0%
3.3 V
± 1.0%
S-13D1B1833-M6T1U3
S-13D1B1833-A6T2U3
2.5 V
± 1.0%
1.8 V
± 1.0%
S-13D1B2518-M6T1U3
S-13D1B2518-A6T2U3
2.8 V
± 1.0%
1.8 V
± 1.0%
S-13D1B2818-M6T1U3
S-13D1B2818-A6T2U3
2.8 V
± 1.0%
2.8 V
± 1.0%
S-13D1B2828-M6T1U3
S-13D1B2828-A6T2U3
2.8 V
± 1.0%
3.3 V
± 1.0%
S-13D1B2833-M6T1U3
S-13D1B2833-A6T2U3
2.85 V
± 1.0%
2.85 V
± 1.0%
S-13D1B2J2J-M6T1U3
S-13D1B2J2J-A6T2U3
3.0 V
± 1.0%
1.8 V
± 1.0%
S-13D1B3018-M6T1U3
S-13D1B3018-A6T2U3
3.1 V
± 1.0%
3.0 V
± 1.0%
S-13D1B3130-M6T1U3
S-13D1B3130-A6T2U3
3.3 V
± 1.0%
3.0 V
± 1.0%
S-13D1B3330-M6T1U3
S-13D1B3330-A6T2U3
3.3 V
± 1.0%
3.3 V
± 1.0%
S-13D1B3333-M6T1U3
S-13D1B3333-A6T2U3
Remark Please contact our sales office for products with specifications other than the above.
4. 2 S-13D1 Series C type
ON / OFF logic:
Active "H"
Discharge shunt function:
Available
Constant current source pull-down:
Available
Delay function:
Available
Table 4
Voltage Regulator 1
Output Voltage
Voltage Regulator 2
Output Voltage
SOT-23-6
HSNT-6 (1212)
1.2 V
± 15 mV
1.8 V
± 1.0%
S-13D1C1218-M6T1U3
S-13D1C1218-A6T2U3
1.5 V
± 1.0%
2.8 V
± 1.0%
S-13D1C1528-M6T1U3
S-13D1C1528-A6T2U3
1.8 V
± 1.0%
1.8 V
± 1.0%
S-13D1C1818-M6T1U3
S-13D1C1818-A6T2U3
1.8 V
± 1.0%
2.8 V
± 1.0%
S-13D1C1828-M6T1U3
S-13D1C1828-A6T2U3
1.8 V
± 1.0%
3.3 V
± 1.0%
S-13D1C1833-M6T1U3
S-13D1C1833-A6T2U3
2.8 V
± 1.0%
2.8 V
± 1.0%
S-13D1C2828-M6T1U3
S-13D1C2828-A6T2U3
2.8 V
± 1.0%
3.3 V
± 1.0%
S-13D1C2833-M6T1U3
S-13D1C2833-A6T2U3
2.85 V
± 1.0%
2.85 V
± 1.0%
S-13D1C2J2J-M6T1U3
S-13D1C2J2J-A6T2U3
3.6 V
± 1.0%
3.6 V
± 1.0%
S-13D1C3636-M6T1U3
S-13D1C3636-A6T2U3
Remark Please contact our sales office for products with specifications other than the above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com