Electronic Components Datasheet Search
  English  ▼

X  

S13D1 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S13D1
Description  SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S13D1 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S13D1 Datasheet HTML 6Page - Seiko Instruments Inc S13D1 Datasheet HTML 7Page - Seiko Instruments Inc S13D1 Datasheet HTML 8Page - Seiko Instruments Inc S13D1 Datasheet HTML 9Page - Seiko Instruments Inc S13D1 Datasheet HTML 10Page - Seiko Instruments Inc S13D1 Datasheet HTML 11Page - Seiko Instruments Inc S13D1 Datasheet HTML 12Page - Seiko Instruments Inc S13D1 Datasheet HTML 13Page - Seiko Instruments Inc S13D1 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-13D1 Series
Rev.1.3_00
Seiko Instruments Inc.
10
Power Dissipation of HSNT-6 (1212) (Reference)
Power dissipation of package differs depending on the mounting conditions.
Consider the power dissipation characteristics under the following conditions as reference.
[Mounted board]
(1) Board size:
40 mm
× 40 mm × t0.8 mm
(2) Board material:
Glass epoxy resin (four layers)
(3) Wiring ratio:
50%
(4) Test conditions:
When mounted on board (wind speed: 0 m/s)
(5) Land pattern:
Refer to the recommended land pattern (drawing code: PM006-A-L-SD)
0
50
100
150
0
Ambient Temperature (Ta) [
°C]
400
200
600
1000
800
1200
Figure 10 Power Dissipation of Package (When Mounted on Board)
Table 9
Condition
Power Dissipation (Reference)
Thermal Resistance Value (
θj−a)
HSNT-6 (1212) (When mounted on board)
1000 mW
100
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com