Electronic Components Datasheet Search
  English  ▼

X  

S13D1 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S13D1
Description  SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S13D1 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S13D1 Datasheet HTML 3Page - Seiko Instruments Inc S13D1 Datasheet HTML 4Page - Seiko Instruments Inc S13D1 Datasheet HTML 5Page - Seiko Instruments Inc S13D1 Datasheet HTML 6Page - Seiko Instruments Inc S13D1 Datasheet HTML 7Page - Seiko Instruments Inc S13D1 Datasheet HTML 8Page - Seiko Instruments Inc S13D1 Datasheet HTML 9Page - Seiko Instruments Inc S13D1 Datasheet HTML 10Page - Seiko Instruments Inc S13D1 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
S-13D1 Series
Seiko Instruments Inc.
7
4. 3 S-13D1 Series D type
ON / OFF logic:
Active "H"
Discharge shunt function:
Unavailable
Constant current source pull-down:
Unavailable
Delay function:
Unavailable
Table 5
Voltage Regulator 1
Output Voltage
Voltage Regulator 2
Output Voltage
SOT-23-6
HSNT-6 (1212)
1.2 V
± 15 mV
1.8 V
± 1.0%
S-13D1D1218-M6T1U3
S-13D1D1218-A6T2U3
1.5 V
± 1.0%
2.8 V
± 1.0%
S-13D1D1528-M6T1U3
S-13D1D1528-A6T2U3
1.8 V
± 1.0%
1.8 V
± 1.0%
S-13D1D1818-M6T1U3
S-13D1D1818-A6T2U3
1.8 V
± 1.0%
2.8 V
± 1.0%
S-13D1D1828-M6T1U3
S-13D1D1828-A6T2U3
1.8 V
± 1.0%
3.3 V
± 1.0%
S-13D1D1833-M6T1U3
S-13D1D1833-A6T2U3
2.8 V
± 1.0%
2.8 V
± 1.0%
S-13D1D2828-M6T1U3
S-13D1D2828-A6T2U3
2.8 V
± 1.0%
3.3 V
± 1.0%
S-13D1D2833-M6T1U3
S-13D1D2833-A6T2U3
2.85 V
± 1.0%
2.85 V
± 1.0%
S-13D1D2J2J-M6T1U3
S-13D1D2J2J-A6T2U3
Remark Please contact our sales office for products with specifications other than the above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com