Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 244 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 244 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 240Page - Texas Instruments AM5728 Datasheet HTML 241Page - Texas Instruments AM5728 Datasheet HTML 242Page - Texas Instruments AM5728 Datasheet HTML 243Page - Texas Instruments AM5728 Datasheet HTML 244Page - Texas Instruments AM5728 Datasheet HTML 245Page - Texas Instruments AM5728 Datasheet HTML 246Page - Texas Instruments AM5728 Datasheet HTML 247Page - Texas Instruments AM5728 Datasheet HTML 248Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 415 page
background image
AM5728, AM5726
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
www.ti.com
Table 7-23. Manual Functions Mapping for DSS VOUT3 (continued)
BALL
BALL NAME
VOUT3_MANUAL1
CFG REGISTER
MUXMODE
A_DELAY (ps)
G_DELAY (ps)
3
4
AD3
vin1a_d23
2565
0
CFG_VIN1A_D23_OUT
-
vout3_d0
AH6
vin1a_d3
2440
0
CFG_VIN1A_D3_OUT
vout3_d4
vout3_d20
AH3
vin1a_d4
3060
0
CFG_VIN1A_D4_OUT
vout3_d3
vout3_d19
AH5
vin1a_d5
2132
0
CFG_VIN1A_D5_OUT
vout3_d2
vout3_d18
AG6
vin1a_d6
2313
0
CFG_VIN1A_D6_OUT
vout3_d1
vout3_d17
AH4
vin1a_d7
2327
0
CFG_VIN1A_D7_OUT
vout3_d0
vout3_d16
AG4
vin1a_d8
2361
0
CFG_VIN1A_D8_OUT
-
vout3_d15
AG2
vin1a_d9
2411
0
CFG_VIN1A_D9_OUT
-
vout3_d14
AD9
vin1a_de0
2529
0
CFG_VIN1A_DE0_OUT
vout3_d17
vout3_de
AF9
vin1a_fld0
300
327
CFG_VIN1A_FLD0_OUT
-
vout3_clk
AE9
vin1a_hsync0
2328
0
CFG_VIN1A_HSYNC0_OUT
-
vout3_hsync
AF8
vin1a_vsync0
2166
0
CFG_VIN1A_VSYNC0_OUT
-
vout3_vsync
7.8
Display Subsystem – High-Definition Multimedia Interface (HDMI)
The High-Definition Multimedia Interface is provided for transmitting digital television audiovisual signals
from DVD players, set-top boxes and other audiovisual sources to television sets, projectors and other
video displays. The HDMI interface is aligned with the HDMI TMDS single stream standard v1.4a (720p
@60Hz to 1080p @24Hz) and the HDMI v1.3 (1080p @60Hz): 3 data channels, plus 1 clock channel is
supported (differential).
NOTE
For more information, see the High-Definition Multimedia Interface section of the device
TRM.
7.9
External Memory Interface (EMIF)
The device has a dedicated interface to DDR3 SDRAM. It supports JEDEC standard compliant DDR3
SDRAM devices with the following features:
•
16-bit or 32-bit data path to external SDRAM memory
•
Memory device capacity: 128Mb, 256Mb, 512Mb, 1Gb, 2Gb, 4Gb and 8Gb devices (Single die only)
•
One interface with associated DDR3 PHYs
NOTE
For more information, see the EMIF Controller section of the Device TRM.
7.10 General-Purpose Memory Controller (GPMC)
The GPMC is the unified memory controller that interfaces external memory devices such as:
•
Asynchronous SRAM-like memories and ASIC devices
•
Asynchronous page mode and synchronous burst NOR flash
•
NAND flash
NOTE
For more information, see the General-Purpose Memory Controller section of the Device
TRM.
244
Timing Requirements and Switching Characteristics
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com