Electronic Components Datasheet Search
  English  ▼

X  

LP38859 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator With Soft Start
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38859 Datasheet(HTML) 5 Page - Texas Instruments

  LP38859 Datasheet HTML 1Page - Texas Instruments LP38859 Datasheet HTML 2Page - Texas Instruments LP38859 Datasheet HTML 3Page - Texas Instruments LP38859 Datasheet HTML 4Page - Texas Instruments LP38859 Datasheet HTML 5Page - Texas Instruments LP38859 Datasheet HTML 6Page - Texas Instruments LP38859 Datasheet HTML 7Page - Texas Instruments LP38859 Datasheet HTML 8Page - Texas Instruments LP38859 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LP38859
www.ti.com
SNVS337F – JUNE 2006 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
Unless otherwise specified: VIN = VOUT(NOM) + 1 V, VBIAS = 3 V, IOUT = 10 mA, CIN = COUT = 10 µF, CBIAS = 1 µF, CSS = open.
Typical limits apply for TJ = 25°C; minimum and maximum limits apply over the junction temperature (TJ) range of -40°C to
+125°C, unless otherwise specified. Minimum and maximum limits are specified through test, design, or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT(NOM) + 1 V ≤ VIN ≤ VBIAS
3 V
≤ VBIAS ≤ 5.5 V
-1%
1%
10 mA
≤ IOUT ≤ 3 A, TJ = 25°C
VOUT(NOM) + 1 V ≤ VIN ≤ VBIAS
3 V
≤ VBIAS ≤ 5.5 V
–3%
3%
VOUT
VOUT accuracy
10 mA
≤ IOUT ≤ 3 A
VOUT(NOM) + 1 V ≤ VIN ≤ VBIAS
3 V
≤ VBIAS ≤ 5.5 V
–2%
2%
10 mA
≤ IOUT ≤ 3 A
0°C
≤ TJ ≤ +125°C
ΔVOUT/ΔVIN
Line regulation, VIN
(1)
VOUT(NOM) + 1 V ≤ VIN ≤ VBIAS
0.04
%/V
ΔVOUT/ΔVBIAS
Line regulation, VBIAS
(1)
3 V
≤ VBIAS ≤ 5.5 V
0.10
%/V
ΔVOUT/ΔIOUT
Output voltage load regulation(2)
10 mA
≤ IOUT ≤ 3 A
0.2
%/A
IOUT = 3 A, TJ = 25°C
240
300
VDO
Dropout voltage(3)
mV
IOUT = 3 A
450
LP38859-0.8
7
8.5
10 mA
≤ IOUT ≤ 3 A, TJ = 25°C
LP38859-0.8
9
10 mA
≤ IOUT ≤ 3 A
Quiescent current drawn from
IGND(IN)
mA
VIN supply
LP38859-1.2
11
12
10 mA
≤ IOUT ≤ 3 A, TJ = 25°C
LP38859-1.2
15
10 mA
≤ IOUT ≤ 3 A
10 mA
≤ IOUT ≤ 3 A, TJ = 25°C
3
3.8
Quiescent current drawn from
IGND(BIAS)
mA
VBIAS supply
10 mA
≤ IOUT ≤ 3 A
4.5
VBIAS rising until device is functional
2.2
2.45
2.7
TJ = 25°C
UVLO
Undervoltage lockout threshold
V
VBIAS rising until device is functional
2
2.9
VBIAS falling from UVLO threshold
until device is non-functional
60
150
300
TJ = 25°C
UVLO(HYS)
Undervoltage lockout hysteresis
mV
VBIAS falling from UVLO threshold
50
350
until device is non-functional
VIN = VOUT(NOM) + 1 V
ISC
Output short-circuit current
6.2
A
VBIAS = 3 V, VOUT = 0 V
SOFT-START
LP38859-0.8
11
13.5
16
rSS
Soft-start internal resistance
k
Ω
LP38859-1.2
13.5
16
18.5
LP38859-0.8, CSS = 10 nF
675
Soft-start time
tSS
μs
tSS = CSS × rSS × 5
LP38859-1.2, CSS = 10 nF
800
(1)
Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
(2)
Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from no load
to full load.
(3)
Dropout voltage is defined the as input to output voltage differential (VIN – VOUT) where the input voltage is low enough to cause the
output voltage to drop no more than 2% from the nominal value.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com