Electronic Components Datasheet Search
  English  ▼

X  

LP38859 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator With Soft Start
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38859 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP38859 Datasheet HTML 2Page - Texas Instruments LP38859 Datasheet HTML 3Page - Texas Instruments LP38859 Datasheet HTML 4Page - Texas Instruments LP38859 Datasheet HTML 5Page - Texas Instruments LP38859 Datasheet HTML 6Page - Texas Instruments LP38859 Datasheet HTML 7Page - Texas Instruments LP38859 Datasheet HTML 8Page - Texas Instruments LP38859 Datasheet HTML 9Page - Texas Instruments LP38859 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LP38859
SNVS337F – JUNE 2006 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified: VIN = VOUT(NOM) + 1 V, VBIAS = 3 V, IOUT = 10 mA, CIN = COUT = 10 µF, CBIAS = 1 µF, CSS = open.
Typical limits apply for TJ = 25°C; minimum and maximum limits apply over the junction temperature (TJ) range of -40°C to
+125°C, unless otherwise specified. Minimum and maximum limits are specified through test, design, or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PARAMETERS
VIN = VOUT(NOM) + 1 V
80
ƒ = 120 Hz
PSRR
Ripple rejection for VIN input
(VIN)
voltage
VIN = VOUT(NOM) + 1 V
65
ƒ = 1 kHz
dB
VBIAS = VOUT(NOM) + 3 V
58
f = 120 Hz
PSRR
Ripple rejection for VBIAS voltage
(VBIAS)
VBIAS = VOUT(NOM) + 3 V
58
ƒ = 1 kHz
Output noise density
ƒ = 120 Hz
1
µV/
√Hz
BW = 10 Hz
− 100 kHz, VOUT = 1.8 V
150
en
Output noise voltage
µVRMS
BW = 300 Hz
− 300 kHz, VOUT = 1.8
90
V
THERMAL PARAMETERS
Thermal shutdown junction
TSD
160
°C
temperature
TSD(HYS)
Thermal shutdown hysteresis
10
°C
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP38859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com